Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC181D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC181D
Description  4-bit arithmetic logic unit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC181D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC181D Datasheet HTML 9Page - NXP Semiconductors 74HC181D Datasheet HTML 10Page - NXP Semiconductors 74HC181D Datasheet HTML 11Page - NXP Semiconductors 74HC181D Datasheet HTML 12Page - NXP Semiconductors 74HC181D Datasheet HTML 13Page - NXP Semiconductors 74HC181D Datasheet HTML 14Page - NXP Semiconductors 74HC181D Datasheet HTML 15Page - NXP Semiconductors 74HC181D Datasheet HTML 16Page - NXP Semiconductors 74HC181D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1998 Jun 10
13
Philips Semiconductors
Product specification
4-bit arithmetic logic unit
74HC/HCT181
tPHL/ tPLH
propagation
delay
Ai to Fi
33
57
71
86
ns
4.5
diff
M = S0 =S3 =0V;
S1 =S2 = 4.5 V;
Fig.8; Table 2
tPHL/ tPLH
propagation
delay
Bi to Fi
33
57
71
86
ns
4.5
diff
M = S0 =S3 =0V;
S1 =S2 = 4.5 V;
Fig.8; Table 2
tPHL/ tPLH
propagation
delay
Ai to Fi
29
54
68
81
ns
4.5
logic
M = 4.5 V;
Fig.8; Table 3
tPHL/ tPLH
propagation
delay
Bi to Fi
33
54
68
81
ns
4.5
logic
M = 4.5 V;
Fig.8; Table 3
tPHL/ tPLH
propagation
delay
An to Cn+4
30
53
66
80
ns
4.5
sum
M = S1 =S2 =0V;
S0 =S3 = 4.5 V;
Fig.8; Table 1
tPHL/ tPLH
propagation
delay
Bn to Cn+4
31
53
66
80
ns
4.5
sum
M = S1 =S2 =0V;
S0 =S3 = 4.5 V;
Fig.8; Table 1
tPHL/ tPLH
propagation
delay
An to Cn+4
30
55
69
83
ns
4.5
diff
M = S0 =S3 =0V;
S1 =S2 = 4.5 V;
Fig.10; Table 2
tPHL/ tPLH
propagation
delay
Bn to Cn+4
34
55
69
83
ns
4.5
diff
M = S0 =S3 =0V;
S1 =S2 = 4.5 V;
Fig.10; Table 2
tPZL/ tPLZ
propagation
delay
An to A=B
34
60
75
90
ns
4.5
diff
M = S0 =S3 =0V;
S1 =S2 = 4.5 V;
Fig.11; Table 2
tPZL/ tPLZ
propagation
delay
Bn to A=B
35
60
75
90
ns
4.5
diff
M = S0 =S3 =0V;
S1 =S2 = 4.5 V;
Fig.11; Table 2
tPHL/ tPLH
propagation
delay
An to Fn
33
56
70
84
ns
4.5
sum
M = S1 =S2 =0V;
S0 =S3 = 4.5 V;
Fig.7; Table 1
tPHL/ tPLH
propagation
delay
Bn to Fn
33
56
70
84
ns
4.5
sum
M = S1 =S2 =0V;
S0 =S3 = 4.5 V;
Fig.7; Table 1
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
MODE OTHER
+25
−40 to +85
−40 to +125
min. typ. max. min.
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com