Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC181D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC181D
Description  4-bit arithmetic logic unit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC181D Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC181D Datasheet HTML 1Page - NXP Semiconductors 74HC181D Datasheet HTML 2Page - NXP Semiconductors 74HC181D Datasheet HTML 3Page - NXP Semiconductors 74HC181D Datasheet HTML 4Page - NXP Semiconductors 74HC181D Datasheet HTML 5Page - NXP Semiconductors 74HC181D Datasheet HTML 6Page - NXP Semiconductors 74HC181D Datasheet HTML 7Page - NXP Semiconductors 74HC181D Datasheet HTML 8Page - NXP Semiconductors 74HC181D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1998 Jun 10
3
Philips Semiconductors
Product specification
4-bit arithmetic logic unit
74HC/HCT181
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf =6ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
CL = 15 pF; VCC =5V
An or Bn to A=B
28
30
ns
Cn to Cn+417
21
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance
per L package
notes 1 and 2
90
92
pF
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com