Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCC56-16IO1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # MCC56-16IO1
Description  Thyristor Modules Thyristor/Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC56-16IO1 Datasheet(HTML) 2 Page - IXYS Corporation

  MCC56-16IO1 Datasheet HTML 1Page - IXYS Corporation MCC56-16IO1 Datasheet HTML 2Page - IXYS Corporation MCC56-16IO1 Datasheet HTML 3Page - IXYS Corporation MCC56-16IO1 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2000 IXYS All rights reserved
2 - 4
Symbol
Test Conditions
Characteristic Values
I
RRM, IDRM
T
VJ = TVJM; VR = VRRM; VD = VDRM
5mA
V
T, VF
I
T, IF = 200 A; TVJ = 25°C
1.57
V
V
T0
For power-loss calculations only (T
VJ = 125°C)
0.85
V
r
T
3.7
m
W
V
GT
V
D = 6 V;
T
VJ = 25°C
1.5
V
T
VJ = -40°C
1.6
V
I
GT
V
D = 6 V;
T
VJ = 25°C
100
mA
T
VJ = -40°C
200
mA
V
GD
T
VJ = TVJM;VD = 2/3 VDRM
0.2
V
I
GD
10
mA
I
L
T
VJ = 25°C; tP = 10 ms; VD = 6 V
450
mA
I
G = 0.45 A; diG/dt = 0.45 A/ms
I
H
T
VJ = 25°C; VD = 6 V; RGK = ¥
200
mA
t
gd
T
VJ = 25°C; VD = 1/2 VDRM
2
ms
I
G = 0.45 A; diG/dt = 0.45 A/ms
t
q
T
VJ = TVJM; IT = 150 A, tP = 200 ms; -di/dt = 10 A/ms
typ.
150
ms
V
R = 100 V; dv/dt = 20 V/ms; VD = 2/3 VDRM
Q
S
T
VJ = TVJM; IT, IF = 50 A, -di/dt = 3 A/ms
100
mC
I
RM
24
A
R
thJC
per thyristor/diode; DC current
0.45
K/W
per module
other values
0.225
K/W
R
thJK
per thyristor/diode; DC current
see Fig. 8/9
0.65
K/W
per module
0.325
K/W
d
S
Creepage distance on surface
12.7
mm
d
A
Strike distance through air
9.6
mm
a
Maximum allowable acceleration
50
m/s2
Optional accessories for module-type MCC 56 version 1 B
Keyed gate/cathode twin plugs with wire length = 350 mm, gate = yellow, cathode = red
Type ZY 200L
(L = Left for pin pair 4/5)
UL 758, style 1385,
Type ZY 200R
(R = right for pin pair 6/7)
CSA class 5851, guide 460-1-1
Dimensions in mm (1 mm = 0.0394")
MCC / MCD / MDC Version 1 B
MCC Version 8 B
MCD Version 8 B
10
100
1000
1
10
100
1000
100
101
102
103
104
0.1
1
10
I
G
V
G
mA
mA
I
G
1: I
GT, TVJ = 125°C
2: I
GT, TVJ =
25
°C
3: I
GT, TVJ = -40°C
µs
t
gd
V
4: P
GAV = 0.5 W
5: P
GM =
5 W
6: P
GM = 10 W
I
GD, TVJ = 125°C
3
4
2
1
5
6
Limit
typ.
T
VJ = 25°C
Fig. 1 Gate trigger characteristics
Fig. 2 Gate trigger delay time
MCC 56
MDC 56
MCD 56
Version 1 or 8 without B in typ designation = without insert in mountig holes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com