Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCC56-16IO1 Datasheet(PDF) 4 Page - IXYS Corporation

Part # MCC56-16IO1
Description  Thyristor Modules Thyristor/Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC56-16IO1 Datasheet(HTML) 4 Page - IXYS Corporation

  MCC56-16IO1 Datasheet HTML 1Page - IXYS Corporation MCC56-16IO1 Datasheet HTML 2Page - IXYS Corporation MCC56-16IO1 Datasheet HTML 3Page - IXYS Corporation MCC56-16IO1 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2000 IXYS All rights reserved
4 - 4
Fig. 7 Three phase AC-controller:
Power dissipation versus RMS
output current and ambient
temperature
Fig. 8 Transient thermal impedance
junction to case (per thyristor or
diode)
Fig. 9 Transient thermal impedance
junction to heatsink (per thyristor
or diode)
R
thJC for various conduction angles d:
dR
thJC (K/W)
DC
0.45
180
°
0.47
120
°
0.49
60
°
0.505
30
°
0.52
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.014
0.015
2
0.026
0.0095
3
0.41
0.175
R
thJK for various conduction angles d:
d
R
thJK (K/W)
DC
0.65
180
°
0.67
120
°
0.69
60
°
0.705
30
°
0.72
Constants for Z
thJK calculation:
iR
thi (K/W)
t
i (s)
1
0.014
0.015
2
0.026
0.0095
3
0.41
0.175
4
0.2
0.67
MCC 56
MDC 56
MCD 56



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com