Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38843 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP38843
Description  3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38843 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP38843 Datasheet HTML 1Page - National Semiconductor (TI) LP38843 Datasheet HTML 2Page - National Semiconductor (TI) LP38843 Datasheet HTML 3Page - National Semiconductor (TI) LP38843 Datasheet HTML 4Page - National Semiconductor (TI) LP38843 Datasheet HTML 5Page - National Semiconductor (TI) LP38843 Datasheet HTML 6Page - National Semiconductor (TI) LP38843 Datasheet HTML 7Page - National Semiconductor (TI) LP38843 Datasheet HTML 8Page - National Semiconductor (TI) LP38843 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Connection Diagrams
20102902
TO-220, Top View
20102903
TO-263, Top View
Pin Description
Pin Name
Description
BIAS
The bias pin is used to provide the low current bias voltage to the chip which operates the internal
circuitry and provides drive voltage for the N-FET.
OUTPUT
The regulated output voltage is connected to this pin.
GND
This is both the power and analog ground for the IC. Note that both pin three and the tab of the
TO-220 and TO-263 packages are at ground potential. Pin three and the tab should be tied together
using the PC board copper trace material and connected to circuit ground.
INPUT
The high current input voltage which is regulated down to the nominal output voltage must be
connected to this pin. Because the bias voltage to operate the chip is provided seperately, the input
voltage can be as low as a few hundered millivolts above the output voltage.
SHUTDOWN
This provides a low power shutdown function which turns the regulated output OFF. Tie to V
BIAS if
this function is not used.
Ordering Information
Order Number
Package Type
Package Drawing
Supplied As
LP38843S-0.8
TO263-5
TS5B
Rail
LP38843SX-0.8
TO263-5
TS5B
Tape and Reel
LP38843T-0.8
TO220-5
T05D
Rail
LP38843S-1.2
TO263-5
TS5B
Rail
LP38843SX-1.2
TO263-5
TS5B
Tape and Reel
LP38843T-1.2
TO220-5
T05D
Rail
LP38843S-1.5
TO263-5
TS5B
Rail
LP38843SX-1.5
TO263-5
TS5B
Tape and Reel
LP38843T-1.5
TO220-5
T05D
Rail
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com