Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38843 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP38843
Description  3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38843 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP38843 Datasheet HTML 1Page - National Semiconductor (TI) LP38843 Datasheet HTML 2Page - National Semiconductor (TI) LP38843 Datasheet HTML 3Page - National Semiconductor (TI) LP38843 Datasheet HTML 4Page - National Semiconductor (TI) LP38843 Datasheet HTML 5Page - National Semiconductor (TI) LP38843 Datasheet HTML 6Page - National Semiconductor (TI) LP38843 Datasheet HTML 7Page - National Semiconductor (TI) LP38843 Datasheet HTML 8Page - National Semiconductor (TI) LP38843 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LP38843
3A Ultra Low Dropout Linear Regulators
Stable with Ceramic Output Capacitors
General Description
The LP38843 is a high-current, fast-response regulator
which can maintain output voltage regulation with minimum
input to output voltage drop. Fabricated on a CMOS process,
the device operates from two input voltages: Vbias provides
voltage to drive the gate of the N-MOS power transistor,
while Vin is the input voltage which supplies power to the
load. The use of an external bias rail allows the part to
operate from ultra low Vin voltages. Unlike bipolar regula-
tors, the CMOS architecture consumes extremely low quies-
cent current at any output load current. The use of an
N-MOS power transistor results in wide bandwidth, yet mini-
mum external capacitance is required to maintain loop sta-
bility.
The fast transient response of these devices makes them
suitable for use in powering DSP, Microcontroller Core volt-
ages and Switch Mode Power Supply post regulators. The
parts are available in TO-220 and TO-263 packages.
Dropout Voltage: 210 mV (typ) @ 3A load current.
Quiescent Current: 30 mA (typ) at full load.
Shutdown Current: 30 nA (typ) when S/D pin is low.
Precision Output Voltage: 1.5% room temperature accu-
racy.
Features
n
Ideal for conversion from 1.8V or 1.5V inputs
n
Designed for use with low ESR ceramic capacitors
n
0.8V, 1.2V and 1.5V standard voltages available
n
Ultra low dropout voltage (210mV @ 3A typ)
n
1.5% initial output accuracy
n
Load regulation of 0.1%/A (typical)
n
30nA quiescent current in shutdown (typical)
n
Low ground pin current at all loads
n
Over temperature/over current protection
n
Available in 5 lead TO220 and TO263 packages
n
−40˚C to +125˚C junction temperature range
Applications
n
ASIC Power Supplies In:
- Desktops, Notebooks, and Graphics Cards, Servers
- Gaming Set Top Boxes, Printers and Copiers
n
Server Core and I/O Supplies
n
DSP and FPGA Power Supplies
n
SMPS Post-Regulator
Typical Application Circuit
20102901
* Minimum value required if Tantalum capacitor is used (see Application Hints).
December 2004
© 2004 National Semiconductor Corporation
DS201029
www.national.com


Similar Part No. - LP38843

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38843 TI-LP38843 Datasheet
962Kb / 17P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38843 TI2-LP38843 Datasheet
569Kb / 19P
LP38843 3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
REVISED APRIL 2013
LP38843S-1.2 TI-LP38843S-1.2 Datasheet
962Kb / 17P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38843S-1.2/NOPB TI-LP38843S-1.2/NOPB Datasheet
962Kb / 17P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38843S-1.2/NOPB TI2-LP38843S-1.2/NOPB Datasheet
569Kb / 19P
LP38843 3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
REVISED APRIL 2013
More results

Similar Description - LP38843

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38842 NSC-LP38842 Datasheet
626Kb / 11P
1.5A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841 NSC-LP38841 Datasheet
595Kb / 10P
0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38842-ADJ NSC-LP38842-ADJ Datasheet
594Kb / 8P
1.5A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
LP38841-ADJ NSC-LP38841-ADJ Datasheet
256Kb / 10P
0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38842 TI1-LP38842 Datasheet
989Kb / 17P
1.5A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841 TI1-LP38841 Datasheet
1Mb / 18P
0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841 TI-LP38841_15 Datasheet
1Mb / 17P
LP38841 0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38842-ADJ TI-LP38842-ADJ_15 Datasheet
846Kb / 15P
1.5A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
LP38843 TI-LP38843_15 Datasheet
962Kb / 17P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38842 TI1-LP38842_15 Datasheet
985Kb / 17P
Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com