Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC012N04LM6 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # ISC012N04LM6
Description  OptiMOSTM 6 Power-Transistor, 40 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC012N04LM6 Datasheet(HTML) 1 Page - Infineon Technologies AG

  ISC012N04LM6 Datasheet HTML 1Page - Infineon Technologies AG ISC012N04LM6 Datasheet HTML 2Page - Infineon Technologies AG ISC012N04LM6 Datasheet HTML 3Page - Infineon Technologies AG ISC012N04LM6 Datasheet HTML 4Page - Infineon Technologies AG ISC012N04LM6 Datasheet HTML 5Page - Infineon Technologies AG ISC012N04LM6 Datasheet HTML 6Page - Infineon Technologies AG ISC012N04LM6 Datasheet HTML 7Page - Infineon Technologies AG ISC012N04LM6 Datasheet HTML 8Page - Infineon Technologies AG ISC012N04LM6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
ISC012N04LM6
Rev.2.1,2021-08-05
Final Data Sheet
1
2
3
4
5
6
7
8
4
3
2
1
5
6
7
8
TDSON-8FL(enlargedsourceinterconnection)
Drain
Pin 5-8
Gate
Pin 4
Source
Pin 1-3
*1
*1: Internal body diode
MOSFET
OptiMOSTM6Power-Transistor,40V
Features
•N-channel
•Verylowon-resistanceRDS(on)
•Superiorthermalresistance
•100%avalanchetested
•Pb-freeleadplating;RoHScompliant
•Halogen-freeaccordingtoIEC61249-2-21
•Optimizedforsyncronousapplication
•175°Crated
Productvalidation
FullyqualifiedaccordingtoJEDECforIndustrialApplications
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS
40
V
RDS(on),max
1.2
m
Ω
ID
238
A
Qoss
56
nC
QG
25
nC
Type/OrderingCode
Package
Marking
RelatedLinks
ISC012N04LM6
PG-TDSON-8 FL
12N04LM6
-


Similar Part No. - ISC012N04LM6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC012N04LM6 INFINEON-ISC012N04LM6 Datasheet
1Mb / 12P
OptiMOSTM6Power-Transistor,40V
Rev.2.0,2021-04-21
ISC012N04LM6ATMA1 INFINEON-ISC012N04LM6ATMA1 Datasheet
1Mb / 12P
OptiMOSTM6Power-Transistor,40V
Rev.2.0,2021-04-21
More results

Similar Description - ISC012N04LM6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC007N04NM6 INFINEON-ISC007N04NM6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.0,2020-11-02
ISC010N04NM6 INFINEON-ISC010N04NM6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.0,2020-11-02
BSC010N04LS6 INFINEON-BSC010N04LS6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.2,2020-03-16
BSC007N04LS6 INFINEON-BSC007N04LS6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.2,2020-03-06
BSC059N04LS6 INFINEON-BSC059N04LS6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.1,2020-07-22
BSC022N04LS6 INFINEON-BSC022N04LS6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.1,2020-05-12
BSZ018N04LS6 INFINEON-BSZ018N04LS6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.1,2020-03-31
BSZ024N04LS6 INFINEON-BSZ024N04LS6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.2,2021-02-22
BSC007N04LS6SC INFINEON-BSC007N04LS6SC Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2022-10-06
IQD005N04NM6CG INFINEON-IQD005N04NM6CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2023-03-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com