Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5954A Datasheet(PDF) 1 Page - Interpion semiconductor

Part # IP5954A
Description  4-CH MOTOR DRIVE IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP5954A Datasheet(HTML) 1 Page - Interpion semiconductor

  IP5954A Datasheet HTML 1Page - Interpion semiconductor IP5954A Datasheet HTML 2Page - Interpion semiconductor IP5954A Datasheet HTML 3Page - Interpion semiconductor IP5954A Datasheet HTML 4Page - Interpion semiconductor IP5954A Datasheet HTML 5Page - Interpion semiconductor IP5954A Datasheet HTML 6Page - Interpion semiconductor IP5954A Datasheet HTML 7Page - Interpion semiconductor IP5954A Datasheet HTML 8Page - Interpion semiconductor IP5954A Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Oct. 2004 (Rev. 1)
- 1 -
IP5954A
4-CH MOTOR DRIVE IC
www.interpionsemi.com
- 2-CH BTL driver
- 2-CH BTL driver with current mode feedback
- Built-in TSD (thermal shut down) circuit.
- Built-in power save circuit
- Built-in input opamp for SLED channel
- Operating supply voltage (4.5V~13.2V).
IP5954A is a 4-CH motor driver for CDP/VCDP/DVDP
systems. It is composed of 2-CH BTL driver with one
input opamp and 2-CH BTL driver with current mode
feedback.
DESCRIPTIONS
BLOCK DIAGRAM
ORDER INFORMATION
FEATURES
28SSOPH-375
Device
Order Coder
Package
Packing
IP5954A
28SSOPH-375
Tube
IP5954A-TF
T&R
IP5954AL
Tube, Lead Free
IP5954AL-TF
T&R, Lead Free
IP5954AB
28SSOPH-375B
Tube
IP5954AB-TF
T&R
IP5954ABL
Tube, Lead Free
IP5954ABL-TF
T&R, Lead Free
IP5954A
28SSOPH-375B


Similar Part No. - IP5954A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP59K BEL-IP59K Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
More results

Similar Description - IP5954A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8727 FAIRCHILD-FAN8727 Datasheet
480Kb / 24P
Spindle 4-CH Motor Drive IC
FAN8729 FAIRCHILD-FAN8729 Datasheet
487Kb / 24P
Spindle4-CH Motor Drive IC
logo
List of Unclassifed Man...
AD6392 ETC1-AD6392 Datasheet
567Kb / 22P
4-CH MOTOR DRIVE IC
logo
Interpion semiconductor
IP4011 INTERPION-IP4011 Datasheet
709Kb / 23P
5-CH MOTOR DRIVE IC
IP9004 INTERPION-IP9004 Datasheet
173Kb / 12P
5-CH MOTOR DRIVE IC
IP9005 INTERPION-IP9005 Datasheet
210Kb / 15P
5-CH MOTOR DRIVE IC
logo
Ceramate Technical
CMD4504 CERAMATE-CMD4504 Datasheet
205Kb / 6P
5-CH Motor Drive IC
logo
Fairchild Semiconductor
FAN8727 FAIRCHILD-FAN8727_04 Datasheet
567Kb / 24P
Spindle 4-CH Motor Drive IC
logo
Interpion semiconductor
IP4504A INTERPION-IP4504A Datasheet
129Kb / 5P
5-CH MOTOR DRIVE IC
logo
Panasonic Semiconductor
AN41402A PANASONIC-AN41402A Datasheet
468Kb / 18P
2-ch Motor drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com