Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5954A Datasheet(PDF) 2 Page - Interpion semiconductor

Part # IP5954A
Description  4-CH MOTOR DRIVE IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP5954A Datasheet(HTML) 2 Page - Interpion semiconductor

  IP5954A Datasheet HTML 1Page - Interpion semiconductor IP5954A Datasheet HTML 2Page - Interpion semiconductor IP5954A Datasheet HTML 3Page - Interpion semiconductor IP5954A Datasheet HTML 4Page - Interpion semiconductor IP5954A Datasheet HTML 5Page - Interpion semiconductor IP5954A Datasheet HTML 6Page - Interpion semiconductor IP5954A Datasheet HTML 7Page - Interpion semiconductor IP5954A Datasheet HTML 8Page - Interpion semiconductor IP5954A Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Oct. 2004 (Rev. 1)
- 2 -
IP5954A
4-CH MOTOR DRIVE IC
www.interpionsemi.com
PIN DESCRIPTIONS
PIN CONNECTIONS
NO
SYMBOL
I/O
DESCRIPTION
1
VinFC
I
Focus input
2
CFCerr1
-
Error amp filter connection 1
for focus actuator
3
CFCerr2
-
Error amp filter connection 2
for focus actuator
4
VinOP+
I
OPamp IN(+) for sled driver
5
VinOP-
I
OPamp IN(-) for sled driver
6
VOSL
O
OPamp out for sled driver
7
VNFFC
I
Current feedback pin for
focus actuator
8
SVCC
-
Signal supply voltage
9
PVCC1
-
Power supply voltage 1
10
PGND
-
Power ground
11
VOSL-
O
Sled driver output(-)
12
VOSL+
O
Sled driver output(+)
13
VOFC-
O
Focus driver output(-)
14
VOFC+
O
Focus driver output(+)
NO
SYMBOL
I/O
DESCRIPTION
15
VOTK+
O
Tracking driver output(+)
16
VOTK-
O
Tracking driver output(-)
17
VOLD+
O
Loading driver output(+)
18
VOLD-
O
Loading driver output(-)
19
PGND
-
Power Ground
20
VNFTK
I
Current feedback pin for
Tracking actuator
21
PVCC2
-
Power supply voltage 2
22
SGND
-
Signal ground
23
VinLD
I
Loading input
24
CTKerr2
-
Error amp filter connection
2 for Tracking actuator
25
CTKerr1
-
Error amp filter connection
1 for Tracking actuator
26
VinTK
I
Tracking input
27
BIAS
I
Bias input
28
P/S
O
Power save



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com