Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC237DB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC237DB
Description  3-to-8 line decoder/demultiplexer with address latches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC237DB Datasheet(HTML) 6 Page - NXP Semiconductors

  74HC237DB Datasheet HTML 1Page - NXP Semiconductors 74HC237DB Datasheet HTML 2Page - NXP Semiconductors 74HC237DB Datasheet HTML 3Page - NXP Semiconductors 74HC237DB Datasheet HTML 4Page - NXP Semiconductors 74HC237DB Datasheet HTML 5Page - NXP Semiconductors 74HC237DB Datasheet HTML 6Page - NXP Semiconductors 74HC237DB Datasheet HTML 7Page - NXP Semiconductors 74HC237DB Datasheet HTML 8Page - NXP Semiconductors 74HC237DB Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
December 1990
6
Philips Semiconductors
Product specification
3-to-8 line decoder/demultiplexer with
address latches
74HC/HCT237
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
An to Yn
52
19
15
160
32
27
200
40
34
240
48
41
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
LE to Yn
61
22
18
190
38
32
240
48
41
285
57
48
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH
propagation delay
E1 to Yn
47
17
14
145
29
25
180
36
31
220
44
38
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH
propagation delay
E2 to Yn
47
17
14
145
29
25
180
36
31
220
44
38
ns
2.0
4.5
6.0
Fig.6
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.6
tW
LE pulse width
LOW
50
10
9
11
4
3
65
13
11
75
15
13
ns
2.0
4.5
6.0
Fig.8
tsu
set-up time
An to LE
50
10
9
6
2
2
65
13
11
75
15
13
ns
2.0
4.5
6.0
Fig.8
th
hold time
An to LE
30
6
5
3
1
1
40
8
7
45
9
8
ns
2.0
4.5
6.0
Fig.8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com