Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC237DB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC237DB
Description  3-to-8 line decoder/demultiplexer with address latches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC237DB Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC237DB Datasheet HTML 1Page - NXP Semiconductors 74HC237DB Datasheet HTML 2Page - NXP Semiconductors 74HC237DB Datasheet HTML 3Page - NXP Semiconductors 74HC237DB Datasheet HTML 4Page - NXP Semiconductors 74HC237DB Datasheet HTML 5Page - NXP Semiconductors 74HC237DB Datasheet HTML 6Page - NXP Semiconductors 74HC237DB Datasheet HTML 7Page - NXP Semiconductors 74HC237DB Datasheet HTML 8Page - NXP Semiconductors 74HC237DB Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
December 1990
2
Philips Semiconductors
Product specification
3-to-8 line decoder/demultiplexer with
address latches
74HC/HCT237
FEATURES
• Combines 3-to-8 decoder with 3-bit latch
• Multiple input enable for easy expansion or independent
controls
• Active HIGH mutually exclusive outputs
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT237 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT237 are 3-to-8 line decoder/demultiplexers
with latches at the three address inputs (An). The “237”
essentially combines the 3-to-8 decoder function with a
3-bit storage latch. When the latch is enabled (LE = LOW),
the “237” acts as a 3-to-8 active LOW decoder. When the
latch enable (LE) goes from LOW-to-HIGH, the last data
present at the inputs before this transition, is stored in the
latches. Further address changes are ignored as long as
LE remains HIGH.
The output enable input (E1 and E2) controls the state of
the outputs independent of the address inputs or latch
operation. All outputs are HIGH unless E1 is LOW and E2
is HIGH.
The “237” is ideally suited for implementing
non-overlapping decoders in 3-state systems and strobed
(stored address) applications in bus oriented systems.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL / tPLH
propagation delay
CL = 15 pF; VCC =5 V
An to Yn
16
19
ns
LE to Yn
19
21
ns
E1 to Yn
14
17
ns
E2 to Yn
14
17
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per package
notes 1 and 2
60
63
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com