Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS285-1.2CS Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS285-1.2CS
Description  MICROPOWER VOLTAGE REFERENCE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS285-1.2CS Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS285-1.2CS Datasheet HTML 1Page - Advanced Monolithic Systems AMS285-1.2CS Datasheet HTML 2Page - Advanced Monolithic Systems AMS285-1.2CS Datasheet HTML 3Page - Advanced Monolithic Systems AMS285-1.2CS Datasheet HTML 4Page - Advanced Monolithic Systems AMS285-1.2CS Datasheet HTML 5Page - Advanced Monolithic Systems AMS285-1.2CS Datasheet HTML 6Page - Advanced Monolithic Systems AMS285-1.2CS Datasheet HTML 7Page - Advanced Monolithic Systems AMS285-1.2CS Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Advanced Monolithic Systems, Inc. 6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS285-1.2/AMS385-1.2
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics
. The
guaranteed specifications apply only for the test conditions listed.
Note 2: For elevated temperature operation, Tj max is:
AMS285
+125°C
AMS385
+100°C
Thermal Resistance
TO-92
SO-8
SOT-89
ϕ
JA (junction to ambient)
170°C/W (0.125” leads)
165°C/W
160°C/W
Note 3: Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA = TJ = 25°C.
Note 4: Guaranteed and 100% production tested.
Note 5: Guaranteed but not 100% production tested. These limits are not used to calculate average outgoing quality levels.
Note 6: The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured temperatures between the operating TMAX and
TMIN, divided by TMAX - TMIN. The measured temperatures are 0
°C, 25°C, 70°C, 85°C.
PIN CONNECTIONS
TO-92
8L SOIC
SOT-89
Plastic Package (N)
SO Package (S)
(L)
1
2
3
1
2
8
4
3
7
5
6
N/C
N/C
N/C
N/C N/C
N/C
+
-
N/C
-
+
1
2
3
Bottom View
Top View
Top View
TYPICAL APPLICATIONS
Wide Input
Micropower Reference
Reference from
Range Reference
from 9V Battery
1.5V Battery
4.3k
LM334
OUT
1.24V
AMS385-1.2
V
IN = 2.3V TO 30V
AMS385-1.2
1.2V
500k
9V
AMS385-1.2
1.2V
3k
1.5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com