Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS285-1.2CS Datasheet(PDF) 6 Page - Advanced Monolithic Systems

Part # AMS285-1.2CS
Description  MICROPOWER VOLTAGE REFERENCE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS285-1.2CS Datasheet(HTML) 6 Page - Advanced Monolithic Systems

  AMS285-1.2CS Datasheet HTML 1Page - Advanced Monolithic Systems AMS285-1.2CS Datasheet HTML 2Page - Advanced Monolithic Systems AMS285-1.2CS Datasheet HTML 3Page - Advanced Monolithic Systems AMS285-1.2CS Datasheet HTML 4Page - Advanced Monolithic Systems AMS285-1.2CS Datasheet HTML 5Page - Advanced Monolithic Systems AMS285-1.2CS Datasheet HTML 6Page - Advanced Monolithic Systems AMS285-1.2CS Datasheet HTML 7Page - Advanced Monolithic Systems AMS285-1.2CS Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Advanced Monolithic Systems, Inc. 6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS285-1.2/AMS385-1.2
TYPICAL PERFORMANCE CHARACTERISTICS
-2
2
4
8
10
0.1
1
10
100
Reverse Characteristics
0
6
T
A =25° C
0.1
100
0.1
1
10
100
Reverse Dynamic Impedance
1
10
0.01
0
0.4
1.2
0.1
1
10
100
0.8
0.01
REVERSE CURRENT (mA)
REVERSE CURRENT (mA)
0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
100
10
1.4
REVERSE VOLTAGE (V)
1
Reverse Characteristics
Forward Characteristics
FORWARD CURRENT (mA)
10
100
1k
10k
100k
0.1
1k
10
Reverse Dynamic Impedance
1M
FREQUENCY (Hz)
1
10k
100
-55
5
25 45 65 85 105
1.260
1.240
125
Temperature Drift of 3
Representative Units
0
10
0
1.0
2.0
0
200
400
600
TIME (
µs)
Response Time
0.5
1.5
~
~
~
~
0
200
400
600
700
100
1k
10k
100k
Noise Voltage
100
500
I
R= 100 µA
10
FREQUENCY (Hz)
300
100
1k
10k
100k
CUTOFF FREQUENCY (Hz)
0
10
20
30
40
50
60
70
TEMPERATURE (° C)
1.250
1.230
1.220
-35 -15
I
R= 100 µA
T
A
=-55° C
T
A =125° C
T
A
=125° C
T
A
=-55° C
T
A =25° C
T
A =-55° C
T
A =25° C
T
A =125° C
T
A =25° C
I
R
= 100
µA
T
A =-55° C
T
A =25° C
T
A =125° C
I
R= 100 µA
100
µA
OUTPUT
AMS385-1.2
OUTPUT
100k
INPUT
OUTPUT
INPUT
SINGLE POLE LOW PASS
SHARP CUTOFF
FILTER
Filtered Output Noise
0.01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com