Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9060LSR1 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF9060LSR1
Description  RF Power Field Effect Transistors N−Channel Enhancement−Mode Lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9060LSR1 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF9060LSR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
5−6
RF Device Data
Freescale Semiconductor
MRF9060LR1 MRF9060LSR1
TYPICAL CHARACTERISTICS
100
-70
0
0.1
10
1
-10
-20
-30
-40
-50
-60
10
100
8
10
12
14
16
18
20
0
10
20
30
40
50
60
Pout, OUTPUT POWER (WATTS) PEP
f, FREQUENCY (MHz)
930
18
Figure 3. Class AB Broadband Circuit Performance
14
11
10
Pout, OUTPUT POWER (WATTS) PEP
Figure 4. Power Gain versus Output Power
Figure 5. Intermodulation Distortion versus
Output Power
15
13
12
17
16
935
940
945
950
955
960
Pout, OUTPUT POWER (WATTS) AVG.
Pout, OUTPUT POWER (WATTS) PEP
Figure 6. Intermodulation Distortion Products
versus Output Power
Figure 7. Power Gain and Efficiency versus
Output Power
-38
-36
-34
-32
-30
35
40
45
50
-10
-18
-14
Gps
h
IMD
IRL
Gps
h
VDD = 26 Vdc
IDQ = 450 mA
f = 945 MHz
VDD = 26 Vdc
Pout = 60 W (PEP)
IDQ = 450 mA
1
10
100
500 mA
IDQ = 650 mA
VDD = 26 Vdc
f1 = 945 MHz
f2 = 945.1 MHz
450 mA
275 mA
VDD = 26 Vdc
f1 = 945 MHz
f2 = 945.1 MHz
IDQ = 275 mA
-12
-16
18
17.5
17
16.5
16
15.5
15
1
10
100
-20
-25
-30
-40
-45
-50
-60
450 mA
500 mA
650 mA
3rd Order
5th Order
7th Order
-35
-55
Two-Tone Measurement,
100 kHz Tone Spacing
VDD = 26 Vdc
IDQ = 450 mA
f1 = 945 MHz
f2 = 945.1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com