Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9060LSR1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF9060LSR1
Description  RF Power Field Effect Transistors N−Channel Enhancement−Mode Lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9060LSR1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF9060LSR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MRF9060LR1 MRF9060LSR1
5−1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N−Channel Enhancement−Mode Lateral MOSFETs
Designed for broadband commercial and industrial applications with frequen-
cies up to 1000 MHz. The high gain and broadband performance of these
devices make them ideal for large−signal, common−source amplifier applica-
tions in 26 volt base station equipment.
• Typical Two−Tone Performance at 945 MHz, 26 Volts
Output Power — 60 Watts PEP
Power Gain — 17 dB
Efficiency — 40%
IMD — −31 dBc
• Integrated ESD Protection
• Designed for Maximum Gain and Insertion Phase Flatness
• Capable of Handling 10:1 VSWR, @ 26 Vdc, 945 MHz, 60 Watts CW
Output Power
• Excellent Thermal Stability
• Characterized with Series Equivalent Large−Signal Impedance Parameters
• In Tape and Reel. R1 Suffix = 500 Units per 32 mm, 13 inch Reel.
• Low Gold Plating Thickness on Leads. L Suffix Indicates 40µ″ Nominal.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain−Source Voltage
VDSS
−0.5, +65
Vdc
Gate−Source Voltage
VGS
−0.5, + 15
Vdc
Total Device Dissipation @ TC = 25°C
MRF9060LR1
Derate above 25°C
MRF9060LSR1
PD
159
0.91
219
1.25
W
W/°C
W
W/°C
Storage Temperature Range
Tstg
−65 to +150
°C
Operating Junction Temperature
TJ
200
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
MRF9060LR1
MRF9060LSR1
RθJC
1.1
0.8
°C/W
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model
1 (Minimum)
Machine Model
M1 (Minimum)
NOTE − CAUTION − MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
MRF9060
Rev. 8, 12/2004
Freescale Semiconductor
Technical Data
MRF9060LR1
MRF9060LSR1
945 MHz, 60 W, 26 V
LATERAL N−CHANNEL
BROADBAND
RF POWER MOSFETs
CASE 360B−05, STYLE 1
NI−360
MRF9060LR1
CASE 360C−05, STYLE 1
NI−360S
MRF9060LSR1
© Freescale Semiconductor, Inc., 2004. All rights reserved.


Similar Part No. - MRF9060LSR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9060LSR1 FREESCALE-MRF9060LSR1 Datasheet
417Kb / 12P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9060LSR1 FREESCALE-MRF9060LSR1_08 Datasheet
417Kb / 12P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results

Similar Description - MRF9060LSR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1513NT1 FREESCALE-MRF1513NT1 Datasheet
479Kb / 16P
RF Power Field Effect Transistor N−Channel Enhancement−Mode Lateral MOSFET
MRF9080LR3 FREESCALE-MRF9080LR3 Datasheet
316Kb / 12P
RF Power Field Effect Transistors(N−Channel Enhancement−Mode Lateral MOSFETs)
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S19150HR3 FREESCALE-MRF5S19150HR3 Datasheet
439Kb / 12P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF8S9100HR3 FREESCALE-MRF8S9100HR3 Datasheet
300Kb / 14P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com