Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFA4N100Q Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFA4N100Q
Description  HiPerFET Power MOSFETs Q-Class
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFA4N100Q Datasheet(HTML) 3 Page - IXYS Corporation

  IXFA4N100Q Datasheet HTML 1Page - IXYS Corporation IXFA4N100Q Datasheet HTML 2Page - IXYS Corporation IXFA4N100Q Datasheet HTML 3Page - IXYS Corporation IXFA4N100Q Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 - 4
© 2000 IXYS All rights reserved
IXFA 4N100Q
IXFP 4N100Q
V
DS - Volts
0246
8
10
0
1
2
3
4
V
DS - Volts
0
5
10
15
20
0
1
2
3
4
T
J - Degrees C
25
50
75
100
125
150
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
V
GS - Volts
3456
78
0
1
2
3
4
I
D - Amperes
0
1
2
3456
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
V
CE - Volts
0
4
8
12
16
20
0
1
2
3
4
5
6
7V
6V
VGS = 10V
VGS = 10V
9V
8V
TJ = 25°C
VGS = 10V
9V
8V
TJ = 25°C
TJ = 125°C
5V
5V
TJ = 25°C
T
J = 125°C
6V
7V
5V
6V
7V
VGS = 10V
9V
8V
TJ = 125
O
C
VGS = 10V
ID = 2A
TJ = 25
O
C
Figure 1. Output Characteristics at 25OC
Figure 2. Extended Output Characteristics at 125OC
Figure 3. Output characteristics at 125
°C
Figure 6. R
DS(on) normalized to 0.5
I
D25
value vs. T
J
Figure 5. R
DS(on) normalized to 0.5
I
D25
value vs. I
D
Figure 4. Admittance Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com