Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFA4N100Q Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFA4N100Q
Description  HiPerFET Power MOSFETs Q-Class
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFA4N100Q Datasheet(HTML) 4 Page - IXYS Corporation

  IXFA4N100Q Datasheet HTML 1Page - IXYS Corporation IXFA4N100Q Datasheet HTML 2Page - IXYS Corporation IXFA4N100Q Datasheet HTML 3Page - IXYS Corporation IXFA4N100Q Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
IXFA 4N100Q
IXFP 4N100Q
T
C - Degrees Centigrade
-50
-25
0
25
50
75
100 125 150
0
1
2
3
4
5
Pulse Width - Seconds
10-4
10-3
10-2
10-1
100
101
0.01
0.10
1.00
V
DS - Volts
0
5
10
15
20
25
30
35
10
100
1000
V
SD - Volts
0.2
0.4
0.6
0.8
1.0
1.2
0
2
4
6
8
10
Gate Charge - nC
0
1020304050
60
0
3
6
9
12
15
Crss
Coss
Ciss
V
DS = 600 V
I
D = 3 A
I
G = 10 mA
f = 1MHz
T
J = 125
OC
T
J = 25
OC
60
2000
Figure 7. Gate Charge
Figure 8. Capacitance Curves
Figure 9. Forward Voltage Drop of the Intrinsic Diode
Figure10. Drain Current vs. Case Temperature
Figure 11. Transient Thermal Resistance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com