Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22HH Datasheet(PDF) 48 Page - STMicroelectronics

Part # LPS22HH
Description  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HH Datasheet(HTML) 48 Page - STMicroelectronics

Back Button LPS22HH Datasheet HTML 44Page - STMicroelectronics LPS22HH Datasheet HTML 45Page - STMicroelectronics LPS22HH Datasheet HTML 46Page - STMicroelectronics LPS22HH Datasheet HTML 47Page - STMicroelectronics LPS22HH Datasheet HTML 48Page - STMicroelectronics LPS22HH Datasheet HTML 49Page - STMicroelectronics LPS22HH Datasheet HTML 50Page - STMicroelectronics LPS22HH Datasheet HTML 51Page - STMicroelectronics LPS22HH Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
Register description
LPS22HH
48/59
DocID030890 Rev 2
9.9
FIFO_CTRL (13h)
FIFO control register (R/W)
The STOP_ON_WTM bit enables the use of the FIFO watermark level: when the number of
samples in FIFO is equal to the watermark level (set using the WTM[4:0] bits in FIFO_WTM
(14h)) then FIFO is full.
The TRIG_MODES bit enables the triggered FIFO modes.
The F_MODE[1:0] bits select one of the FIFO modes, as described in Table 22.
Output data (pressure and temperature) are read through FIFO_DATA_OUT_PRESS_XL
(78h), FIFO_DATA_OUT_PRESS_L (79h), FIFO_DATA_OUT_PRESS_H (7Ah),
FIFO_DATA_OUT_TEMP_L (7Bh) and FIFO_DATA_OUT_TEMP_H (7Ch); both single
read and multiple read operations can be used.
7654
3
2
1
0
0
0
0
0
STOP_ON_WTM TRIG_MODES
F_MODE1
F_MODE0
STOP_ON_WTM Stop-on-FIFO watermark. Enables FIFO watermark level use. Default value: 0
(0: disable; 1: enable)
TRIG_MODES
Enables triggered FIFO modes. Default value: 0
F_MODE[1:0]
Selects triggered FIFO modes. Default value: 00
Refer to Table 22.
Table 22. FIFO mode selection
TRIG_MODES
F_MODE[1:]
Mode
x00
Bypass
001
FIFO mode
01x
Continuous (Dynamic-Stream)
101
Bypass-to-FIFO
110
Bypass-to-Continuous (Dynamic-Stream)
111
Continuous (Dynamic-Stream)-to-FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com