Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22HH Datasheet(PDF) 17 Page - STMicroelectronics

Part # LPS22HH
Description  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HH Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LPS22HH Datasheet HTML 13Page - STMicroelectronics LPS22HH Datasheet HTML 14Page - STMicroelectronics LPS22HH Datasheet HTML 15Page - STMicroelectronics LPS22HH Datasheet HTML 16Page - STMicroelectronics LPS22HH Datasheet HTML 17Page - STMicroelectronics LPS22HH Datasheet HTML 18Page - STMicroelectronics LPS22HH Datasheet HTML 19Page - STMicroelectronics LPS22HH Datasheet HTML 20Page - STMicroelectronics LPS22HH Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
DocID030890 Rev 2
17/59
LPS22HH
FIFO
59
5
FIFO
The LPS22HH embeds 128 slots of 40-bit data FIFO to store the pressure and temperature
output values. This allows consistent power saving for the system, since the host
processor does not need to continuously poll data from the sensor, but it can wake up only
when needed and burst the significant data out from the FIFO. This buffer can work
according to six different modes:
Bypass mode
FIFO mode
Continuous (Dynamic-Stream) mode
Continuous (Dynamic-Stream)-to-FIFO mode
Bypass-to-Continuous (Dynamic-Stream)
Bypass-to-FIFO mode
The FIFO buffer is enabled when a configuration different from all bits '0' are written in
FIFO_CTRL (13h) and each mode is selected by the TRIG_MODES bit and F_MODE[1:0]
bits in FIFO_CTRL (13h). Programmable FIFO threshold status, FIFO overrun events and
the number of unread samples stored are available in the FIFO_STATUS1 (25h) and
FIFO_STATUS2 (26h) registers and can be set to generate dedicated interrupts on the
INT_DRDY pad using the CTRL_REG3 (12h) register.
FIFO_STATUS2 (26h)(FIFO_WTM_IA) goes to '1' when the number of unread samples
(FIFO_STATUS1 (25h)(FSS[7:0]) is greater than or equal to WTM[6:0] in FIFO_WTM
(14h). If FIFO_WTM (14h)(WTM[6:0]) is equal to 0, FIFO_STATUS2 (26h)(FIFO_WTM_IA)
stays at '0'.
FIFO_STATUS2 (26h)(FIFO_OVR_IA) is equal to '1' if a FIFO slot is overwritten.
FIFO_STATUS1 (25h)(FSS[7:0]) contains stored data levels of unread samples; when
FSS[7:0] is equal to ‘00000000’, FIFO is empty; when FSS[7:0] is equal to ‘10000000’,
FIFO is full and the unread samples are 128.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com