Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M02 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M24M02
Description  2-Mbit serial I²C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M24M02 Datasheet HTML 17Page - STMicroelectronics M24M02 Datasheet HTML 18Page - STMicroelectronics M24M02 Datasheet HTML 19Page - STMicroelectronics M24M02 Datasheet HTML 20Page - STMicroelectronics M24M02 Datasheet HTML 21Page - STMicroelectronics M24M02 Datasheet HTML 22Page - STMicroelectronics M24M02 Datasheet HTML 23Page - STMicroelectronics M24M02 Datasheet HTML 24Page - STMicroelectronics M24M02 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Table 10. Cycling performance
Symbol
Parameter
Test condition
Max.
Unit
Ncycle
Write cycle endurance(1)
TA ≤ 25 °C, VCC(min) < VCC < VCC(max)
4,000,000
Write cycle(2)
TA = 85 °C, VCC(min) < VCC < VCC(max)
1,200,000
1. The write cycle endurance is defined for group of four bytes located at addresses [4*N, 4*N+1, 4*N+2, 4*N+3] where N is an
integer. The write cycle endurance is defined by characterization and qualification.
2. A write cycle is executed when either a page write, a byte write, a write identification page or a lock identification
page instruction is decoded. When using the byte write, the page write or the write identification page, refer also to
Section 5.1.5 ECC (error correction code) and write cycling
Table 11. Memory cell data retention
Parameter
Test condition
Min.
Unit
Data retention(1)
TA = 55 °C
200
Year
1. The data retention behavior is checked in production, while the 200-year limit is defined from characterization and
qualification results.
M24M02-DR M24M02-R
DC and AC parameters
DS7025 - Rev 11
page 21/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com