Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904A Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM2904A
Description  Low-power dual operational amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM2904A Datasheet HTML 3Page - STMicroelectronics LM2904A Datasheet HTML 4Page - STMicroelectronics LM2904A Datasheet HTML 5Page - STMicroelectronics LM2904A Datasheet HTML 6Page - STMicroelectronics LM2904A Datasheet HTML 7Page - STMicroelectronics LM2904A Datasheet HTML 8Page - STMicroelectronics LM2904A Datasheet HTML 9Page - STMicroelectronics LM2904A Datasheet HTML 10Page - STMicroelectronics LM2904A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Symbol
Parameter
Min.
Typ.
Max.
Unit
SR
unity gain, Tamb = 25 °C
V/µs
Slew rate, VCC + = 15 V, Vin = 0.5 to 3 V, RL = 2 kΩ, CL =100 pF,
unity gain, Tmin ≤ Tamb ≤ Tmax
0.2
GBP
Gain bandwidth product, f = 100 kHz, VCC + = 30 V, Vin = 10 mV,
RL = 2 kΩ, CL = 100 pF
0.7
1.1
MHz
THD
Total harmonic distortion, f = 1 kHz, AV = 20 dB, RL = 2 kΩ,
Vo = 2 Vpp, CL = 100 pF, VCC + = 30 V
0.02
%
en
Equivalent input noise voltage, f = 1 kHz, RS = 100 Ω, VCC + = 30 V
55
nV/√Hz
VO1/VO2
Channel separation, 1 kHz ≤ f ≤ 20 kHz (3)
120
dB
1. VO = 1.4 V, 5 V < VCC + < 30 V, 0 V < Vic < (VCC +) - 1.5 V
2. The direction of the input current is out of the IC. This current is essentially constant as long as the output is not saturated, so there is no
change in the loading charge on the input lines.
3. Due to the proximity of external components, ensure that the stray capacitance does not cause coupling between these external parts. This
can typically be detected at higher frequencies because this type of capacitance increases.
LM2904, LM2904A, LM2904W, LM2904AW
Electrical characteristics
DS0508 - Rev 20
page 7/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com