Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904A Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM2904A
Description  Low-power dual operational amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904A Datasheet(HTML) 4 Page - STMicroelectronics

  LM2904A Datasheet HTML 1Page - STMicroelectronics LM2904A Datasheet HTML 2Page - STMicroelectronics LM2904A Datasheet HTML 3Page - STMicroelectronics LM2904A Datasheet HTML 4Page - STMicroelectronics LM2904A Datasheet HTML 5Page - STMicroelectronics LM2904A Datasheet HTML 6Page - STMicroelectronics LM2904A Datasheet HTML 7Page - STMicroelectronics LM2904A Datasheet HTML 8Page - STMicroelectronics LM2904A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
3
Absolute maximum ratings and operating conditions
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
±16 or 32
V
Vid
Differential input voltage (LM2904, LM2904A) (2)
±32
Differential input voltage (LM2904W, LM2904AW) (2)
-0.3 to VCC +0.3
Vin
Input voltage (LM2904, LM2904A)
-0.3 to 32
Input voltage (LM2904W, LM2904AW)
-0.3 to VCC +0.3
Output short-circuit duration (3)
Infinite
s
Iin
Input current : Vin driven negative
5 mA in DC or 50 mA in AC,
(duty cycle = 10 %, T = 1 s)
mA
Input current : Vin driven positive above VCC + 0.3 V (LM2904W, LM2904AW)
5 mA in DC or 50 mA in AC,
(duty cycle = 10 %, T = 1 s)
Input current : Vin driven positive above 32 V (5)
0.4
Toper
Operating free-air temperature range
-40 to 125
°C
Tstg
Storage temperature range
-65 to 150
Tj
Maximum junction temperature
150
Rthja
Thermal resistance junction to ambient (6)
DFN8 2x2
57
°C/W
MiniSO8
190
TSSOP8
120
SO8
125
Rthjc
Thermal resistance junction to case (6)
MiniSO8
39
TSSOP8
37
SO8
40
ESD
HBM: human body model (LM2904, LM2904A) (7)
300
V
HBM: human body model (LM2904W, LM2904AW) (7)
2000
MM: machine model (8)
200
CDM: charged device model (9)
1.5
kV
1. All voltage values, except differential voltage are with respect to network ground terminal.
2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
3. Short-circuits from the output to VCC can cause excessive heating if (Vcc +) > 15 V. The maximum output current is approximately 40 mA,
independent of the magnitude of VCC. Destructive dissipation can result from simultaneous short-circuits on all amplifiers.
4. This input current only exists when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input
PNP transistor becoming forward-biased and thereby acting as an input diode clamp. In addition to this diode action, there is NPN parasitic
action on the IC chip. This transistor action can cause the output voltages of the op amps to go to the VCC voltage level (or to ground for a
large overdrive) for the time during which an input is driven negative. This is not destructive and normal output is restored for input voltages
above -0.3 V.
5. The junction base/substrate of the input PNP transistor polarized in reverse must be protected by a resistor in series with the inputs to limit
the input current to 400 µA max (R = (Vin - 32 V)/400 µA).
6. Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
7. Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5 kΩ resistor between two pins of
the device. This is done for all couples of connected pin combinations while the other pins are floating.
8. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between two pins of the device with no
external series resistor (internal resistor < 5 Ω). This is done for all couples of connected pin combinations while the other pins are floating.
LM2904, LM2904A, LM2904W, LM2904AW
Absolute maximum ratings and operating conditions
DS0508 - Rev 20
page 4/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com