Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904W Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM2904W
Description  Low-power dual operational amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904W Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM2904W Datasheet HTML 2Page - STMicroelectronics LM2904W Datasheet HTML 3Page - STMicroelectronics LM2904W Datasheet HTML 4Page - STMicroelectronics LM2904W Datasheet HTML 5Page - STMicroelectronics LM2904W Datasheet HTML 6Page - STMicroelectronics LM2904W Datasheet HTML 7Page - STMicroelectronics LM2904W Datasheet HTML 8Page - STMicroelectronics LM2904W Datasheet HTML 9Page - STMicroelectronics LM2904W Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
4
Electrical characteristics
Table 3. VCC + = 5 V, VCC- = ground, VO = 1.4 V, RL connected to GND, Tamb = 25 °C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage, Tamb = 25 °C, LM2904, LM2904W (1)
2
7
mV
Input offset voltage, Tamb = 25 °C, LM2904A, LM2904AW (1)
1
2
Input offset voltage, Tmin ≤ Tamb ≤ Tmax, LM2904, LM2904W (1)
9
Input offset voltage, Tmin ≤ Tamb ≤ Tmax, LM2904A, LM2904AW (1)
4
ΔVio/ΔT
Input offset voltage drift
7
30
µV/°C
Iio
Input offset current, Tamb = 25 °C
2
30
nA
Input offset current, Tmin ≤ Tamb ≤ Tmax
40
ΔIio/ΔT
Input offset current drift
10
300
pA/°C
Iib
Input bias current, Tamb = 25 °C (2)
20
150
nA
Input bias current, Tmin ≤ Tamb ≤ Tmax (2)
200
Avd
Large signal voltage gain, VCC + = 15 V, RL = 2 kΩ,
Vο = 1.4 V to 11.4 V, Tamb = 25 °C
50
100
V/mV
Large signal voltage gain, VCC + = 15 V, RL = 2 kΩ,
Vο = 1.4 V to 11.4 V, Tmin ≤ Tamb ≤ Tmax
25
SVR
Supply voltage rejection ratio, VCC + = 5 V to 30 V, Vicm = 0 V,
Tamb = 25 °C
65
100
dB
Supply voltage rejection ratio, VCC + = 5 V to 30 V, Vicm = 0 V,
Tmin ≤ Tamb ≤ Tmax
65
ICC
Supply current, all amp, no load, Tamb = 25 °C, VCC + = 5 V
0.7
1.2
mA
Supply current, all amp, no load, Tmin ≤ Tamb ≤ Tmax, VCC + = 30 V
2
CMR
Common-mode rejection ratio, VCC + = 30 V, Vicm = 0 V to 28.5 V,
Tamb = 25 °C
70
85
dB
Common-mode rejection ratio, VCC + = 30 V, Vicm = 0 V to 28 V,
Tmin ≤ Tamb ≤ Tmax
60
Isource
Output short-circuit current, VCC + = 15 V, Vo = 2 V, Vid = 1 V
20
40
60
mA
Isink
Output sink current, VO = 2 V, VCC + = 15 V
10
20
Output sink current, VO = 0.2 V, VCC + = 15 V
12
50
µA
VOH
High-level output voltage (VCC + = 30 V), Tamb = 25 °C, RL = 2 kΩ
26
V
High-level output voltage (VCC + = 30 V), Tmin ≤ Tamb ≤ Tmax
26
27
High-level output voltage (VCC + = 30 V), Tamb = 25 °C, RL = 10 kΩ
27
High-level output voltage (VCC + = 30 V), Tmin ≤ Tamb ≤ Tmax
27
28
VOL
Low-level output voltage (RL = 10 kΩ), Tamb = 25 °C
5
20
mV
Low-level output voltage (RL = 10 kΩ), Tmin ≤ Tamb ≤ Tmax
20
SR
Slew rate, VCC + = 15 V, Vin = 0.5 to 3 V, RL = 2 kΩ, CL =100 pF,
0.3
0.6
V/µs
LM2904, LM2904A, LM2904W, LM2904AW
Electrical characteristics
DS0508 - Rev 20
page 6/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com