Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904W Datasheet(PDF) 22 Page - STMicroelectronics

Part # LM2904W
Description  Low-power dual operational amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904W Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LM2904W Datasheet HTML 18Page - STMicroelectronics LM2904W Datasheet HTML 19Page - STMicroelectronics LM2904W Datasheet HTML 20Page - STMicroelectronics LM2904W Datasheet HTML 21Page - STMicroelectronics LM2904W Datasheet HTML 22Page - STMicroelectronics LM2904W Datasheet HTML 23Page - STMicroelectronics LM2904W Datasheet HTML 24Page - STMicroelectronics LM2904W Datasheet HTML 25Page - STMicroelectronics LM2904W Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
9
Ordering information
Table 9. Order codes
Order code
Temperature range
Package
Packing
Marking
LM2904D
-40 °C to 125 °C
SO8
Tube
2904
LM2904DT
SO8
Tape and reel
LM2904PT
TSSOP8
LM2904ST
MiniSO8
K403
LM2904Q2T
DFN8 2x2
K1Y
LM2904YQ6T (1)
DFN8 2x2 wettable flank
(automotive grade level)
K4H
LM2904YDT (1)
SO8 (automotive grade level)
2904Y
LM2904AYDT(1)
2904AY
LM2904YPT(1)
TSSOP8 (automotive grade level)
2904Y
LM2904AYPT (1)
904AY
LM2904YST (1)
MiniSO8 (automotive grade level)
K409
LM2904WDT
SO8
2904W
LM2904WYDT (1)
SO8 (automotive grade level)
2904WY
LM2904WYPT (1)
TSSOP8 (automotive grade level)
K04WY
LM2904AWYPT (1)
K05WY
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 & Q 002 or
equivalent.
LM2904, LM2904A, LM2904W, LM2904AW
Ordering information
DS0508 - Rev 20
page 22/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com