Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9080LSR3 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MRF9080LSR3
Description  RF Power Field Effect Transistors(N−Channel Enhancement−Mode Lateral MOSFETs)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9080LSR3 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRF9080LSR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MRF9080LR3 MRF9080LSR3
5−3
Freescale Semiconductor
Wireless RF Product Device Data
Figure 1. Broadband GSM 900 Test Circuit Schematic
VGG
VDD
C6
+
RF
INPUT
R1
C5
R2
R3
C4
+
C3
C9
C2
C1
C8
C7
DUT
C11 C12
RF
OUTPUT
C15
C10
C13
C14
C16
C17
C18
Table 5. Broadband GSM 900 Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1
4.7 pF Chip Capacitor
100B4R7BW
ATC
C2
2.7 pF Chip Capacitor
100B2R7BW
ATC
C3
1.5 pF Chip Capacitor
100B1R5BW
ATC
C4, C5, C9, C10, C12, C13
5.6 pF Chip Capacitors
100B5R6CW
ATC
C6, C16, C17
22 pF Chip Capacitors
100B220GW
ATC
C7, C18
10 µF, 35 V Tantalum Chip Capacitors
293D106X9035D2T
Sprague−Vishay
C8, C11
10 pF Chip Capacitors
100B100JW
ATC
C14
0.8 pF Chip Capacitor
100B0R8BW
ATC
C15
8.2 pF Chip Capacitor
100B8R2GW
ATC
R1, R2, R3
1.0 kΩ, 1/8 W Chip Resistors (0805)
WB1, WB2
Beryllium Copper Wear Blocks
0.004″ x 0.210″ x 0.520″
Raw PCB Material
30 mil Glass Teflon®, εr = 2.55
TLX8−0300
Taconic
PCB
Etched Circuit Board
C−GY−00−001−02
Cibel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com