Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9080LSR3 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MRF9080LSR3
Description  RF Power Field Effect Transistors(N−Channel Enhancement−Mode Lateral MOSFETs)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9080LSR3 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MRF9080LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MRF9080LR3 MRF9080LSR3
5−7
Freescale Semiconductor
Wireless RF Product Device Data
TYPICAL CHARACTERISTICS
(IN FREESCALE BROADBAND GSM 900 OPTIMIZED DEMO BOARD)
0
5
10
15
20
25
30
35
Pin, INPUT POWER (WATTS)
Figure 5. Power Gain versus Output Power
f, FREQUENCY (MHz)
Figure 6. Power Gain versus Output Power
Figure 7. Power Gain and Input Return Loss
versus Frequency
Pin, INPUT POWER (WATTS)
Pout, OUTPUT POWER (WATTS)
Figure 8. Output Power and Efficiency versus
Input Power
Figure 9. Power Gain versus Output Power
Pout
h
VDD = 26 Vdc
IDQ = 600 mA
f = 940 MHz
850 870
1010
Pout = 20 W
15
16
17
18
19
20
21
0.2
0
1
1.2
16
18
19
20
1
10
100
17
Pout, OUTPUT POWER (WATTS)
1
10
100
17
18
19
20
21
Pout, OUTPUT POWER (WATTS)
1
10
100
17
18
19
20
Figure 10. Output Power and Efficiency versus Input
Power
800 mA
IDQ = 1000 mA
VDD = 26 Vdc
f = 940 MHz
T = 25°C
600 mA
400 mA
IDQ = 600 mA
f = 940 MHz
T = 25°C
VDD = 22 Vdc
30 Vdc
26 Vdc
VDD = 26 Vdc
IDQ = 600 mA
T = 25°C
Gps
IRL
70 W
Pout = 20 W
70 W
890 910 930 950 970 990
1030 1050
-30
-25
-20
-15
-10
-5
0
0
10
20
30
40
50
60
VDD = 26 Vdc
IDQ = 600 mA
f = 940 MHz
T = 25°C
120
110
100
90
80
70
60
50
40
30
20
10
0
1.4
1.6
1.8
0.4
0.6
0.8
VDD = 26 Vdc
IDQ = 600 mA
f = 940 MHz
25°C
50°C
85°C
110
100
90
80
70
60
50
40
30
20
10
0
0.2
0
1
1.2
1.4
1.6
1.8
0.4
0.6
0.8
h
Pout
25°C
85°C
25°C
85°C
40
45
50
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com