Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC390D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC390D
Description  Dual decade ripple counter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC390D Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC390D Datasheet HTML 1Page - NXP Semiconductors 74HC390D Datasheet HTML 2Page - NXP Semiconductors 74HC390D Datasheet HTML 3Page - NXP Semiconductors 74HC390D Datasheet HTML 4Page - NXP Semiconductors 74HC390D Datasheet HTML 5Page - NXP Semiconductors 74HC390D Datasheet HTML 6Page - NXP Semiconductors 74HC390D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
December 1990
4
Philips Semiconductors
Product specification
Dual decade ripple counter
74HC/HCT390
Fig.4 Functional diagram.
BCD COUNT SEQUENCE
FOR 1/2 THE “390”
Notes
1. Output Q0 connected to nCP1
with counter input on nCP0.
H = HIGH voltage level
L = LOW voltage level
COUNT
OUTPUTS
Q0
Q1
Q2
Q3
0
LLLL
1
H
LLL
2L
H
L
L
3
HHL
L
4
LLH
L
5H
L
H
L
6
L
HHL
7
HHHL
8
LLLH
9
H
LLH
BI-QUINARY COUNT SEQUENCE
FOR 1/2 THE “390”
Note
1. Output Q3 connected to nCP0
with counter input on nCP1.
COUNT
OUTPUTS
Q0
Q1
Q2
Q3
0
LLLL
1L
H
L
L
2
LLH
L
3
L
HHL
4
LLLH
5
H
LLL
6
HHL
L
7H
L
H
L
8
HHHL
9
H
LLH
Fig.5 Logic diagram (one counter).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com