Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC390D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC390D
Description  Dual decade ripple counter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC390D Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC390D Datasheet HTML 1Page - NXP Semiconductors 74HC390D Datasheet HTML 2Page - NXP Semiconductors 74HC390D Datasheet HTML 3Page - NXP Semiconductors 74HC390D Datasheet HTML 4Page - NXP Semiconductors 74HC390D Datasheet HTML 5Page - NXP Semiconductors 74HC390D Datasheet HTML 6Page - NXP Semiconductors 74HC390D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
December 1990
5
Philips Semiconductors
Product specification
Dual decade ripple counter
74HC/HCT390
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max. min. max. min.
max.
tPHL/ tPLH
propagation delay
nCP0 to nQ0
47
17
14
145
29
25
180
36
31
220
44
38
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
nCP1 to nQ1
50
18
14
155
31
26
195
39
33
235
47
40
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
nCP1 to nQ2
74
27
22
210
42
36
265
53
45
315
63
54
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
nCP1 to nQ3
50
18
14
155
31
26
195
39
33
235
47
40
ns
2.0
4.5
6.0
Fig.6
tPHL
propagation delay
nMR to nQn
52
19
15
165
33
28
205
41
35
250
50
43
ns
2.0
4.5
6.0
Fig.7
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.6
tW
clock pulse width
nCP0, nCP1
80
16
14
19
7
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.6
tW
master reset pulse width
HIGH
80
17
14
28
10
8
105
21
18
130
26
22
ns
2.0
4.5
6.0
Fig.7
trem
removal time
nMR to nCPn
75
15
13
22
8
6
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.7
fmax
maximum clock pulse
frequency
nCP0, nCP1
6.0
30
35
20
60
71
4.8
24
28
4.0
20
24
MHz
2.0
4.5
6.0
Fig.6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com