Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD29080S80-R Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD29080S80-R
Description  800mA FIXED AND ADJUSTABLE OUTPUT VERY LOW DROP VOLTAGE REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29080S80-R Datasheet(HTML) 1 Page - STMicroelectronics

  LD29080S80-R Datasheet HTML 1Page - STMicroelectronics LD29080S80-R Datasheet HTML 2Page - STMicroelectronics LD29080S80-R Datasheet HTML 3Page - STMicroelectronics LD29080S80-R Datasheet HTML 4Page - STMicroelectronics LD29080S80-R Datasheet HTML 5Page - STMicroelectronics LD29080S80-R Datasheet HTML 6Page - STMicroelectronics LD29080S80-R Datasheet HTML 7Page - STMicroelectronics LD29080S80-R Datasheet HTML 8Page - STMicroelectronics LD29080S80-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/21
October 2004
s
VERY LOW DROPOUT VOLTAGE
(TYP. 0.4V AT 800mA)
s
GUARANTEED OUTPUT CURRENT UP TO
800mA
s
FIXED AND ADJUSTABLE OUTPUT
VOLTAGE (
±1% AT 25°C)
s
INTERNAL CURRENT AND THERMAL LIMIT
s
LOGIC CONTROLLED ELECTRONIC
SHUTDOWN
DESCRIPTION
The LD29080 is a high current, high accuracy,
low-dropout voltage regulators series. These
regulators feature 400mV dropout voltages and
very low ground current. Designed for high current
loads, these devices also find applications in lower
current, extremely low dropout-critical systems,
where their tiny dropout voltage and ground
current values are important attributes. Typical
application are in Power supply switching post
regulation, Series power supply for monitors,
Series power supply for VCRs and TVs, Computer
Systems and Battery powered systems.
LD29080
SERIES
800mA FIXED AND ADJUSTABLE OUTPUT
VERY LOW DROP VOLTAGE REGULATOR
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Figure 1: Schematic Diagram For Adjustable Version
SOT-223
DPAK
PPAK
PRELIMINARY DATA
Rev. 1


Similar Part No. - LD29080S80-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD29080DT15R STMICROELECTRONICS-LD29080DT15R Datasheet
373Kb / 21P
800mA Fixed and adjustable output very low drop voltage regulatorm
14-May-2007
LD29080DT18R STMICROELECTRONICS-LD29080DT18R Datasheet
373Kb / 21P
800mA Fixed and adjustable output very low drop voltage regulatorm
14-May-2007
LD29080DT25R STMICROELECTRONICS-LD29080DT25R Datasheet
373Kb / 21P
800mA Fixed and adjustable output very low drop voltage regulatorm
14-May-2007
LD29080DT33R STMICROELECTRONICS-LD29080DT33R Datasheet
373Kb / 21P
800mA Fixed and adjustable output very low drop voltage regulatorm
14-May-2007
LD29080DT50R STMICROELECTRONICS-LD29080DT50R Datasheet
373Kb / 21P
800mA Fixed and adjustable output very low drop voltage regulatorm
14-May-2007
More results

Similar Description - LD29080S80-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KD1083 STMICROELECTRONICS-KD1083 Datasheet
476Kb / 11P
7.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
Oct-2002
KD1084 STMICROELECTRONICS-KD1084 Datasheet
358Kb / 18P
5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
May-2002
LD1084 STMICROELECTRONICS-LD1084 Datasheet
563Kb / 18P
5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
May-2003
LD1580 STMICROELECTRONICS-LD1580 Datasheet
473Kb / 18P
7 A VERY LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
Nov-2002
LD1085 STMICROELECTRONICS-LD1085_07 Datasheet
509Kb / 27P
3A Low drop positive voltage regulator adjustable and fixed
07-Jun-2007
LD29080 STMICROELECTRONICS-LD29080_07 Datasheet
373Kb / 21P
800mA Fixed and adjustable output very low drop voltage regulatorm
14-May-2007
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
Adjustable and fixed low drop positive voltage regulator
22-Mar-2010
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com