Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1580 Datasheet (PDF) - STMicroelectronics

LD1580 Datasheet PDF - STMicroelectronics
Part # LD1580
Download  LD1580 Download
File Size   473.33 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 7 A VERY LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED

LD1580 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD1580 Datasheet PDF - STMicroelectronics

Part # LD1580
Download  LD1580 Click to download

File Size   473.33 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 7 A VERY LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED

LD1580 Datasheet (HTML) - STMicroelectronics


LD1580 Product details

DESCRIPTION
The LD1580 is a very low dropout positive linear voltage regulator particularly suitable in applications requiring output currents up to 7 A.
The LD1580 typical dropout voltage is 400mV at 7A while it decreases at lighter loads.
This very low dropout is achieved thanks to a second input voltage pin, named VCONTROL, which is also responsable of the output power stage driving.
The LD1580 is provided with an output voltage remote sense pin which reduces dramatically any output voltage variations that could occur due to load changes.
On fixed voltage devices, the ADJ pin is still available. A small capacitor on this pin helps to improve transient response.

■ OUTPUT CURRENT LIMIT
■ LOW DROPOUT VOLTAGE: TYPICALLY 400mV AT 7A OUTPUT CURRENT
■ OUTPUT VOLTAGE REMOTE SENSE PIN
■ FAST TRANSIENT RESPONSE
■ THERMAL SHUTDOWN PROTECTION WITH HYSTERESIS
■ WIDE OPERATING TEMPERATURE RANGE -40°C TO 125°C
■ NO SUPPLY SEQUENCING PROBLEMS IN DUAL SUPPLY MODE
■ OUTPUT VOLTAGES AVAILABLE 1.5 V, 1.8V, 2.5 V, 3.0 V, 3.3 V ADJUSTABLE.




Similar Part No. - LD1580

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1580P2T-R STMICROELECTRONICS-LD1580P2T-R Datasheet
367Kb / 15P
7 A very low drop positive voltage regulator adjustable
16-Apr-2008
LD1580XX STMICROELECTRONICS-LD1580XX Datasheet
367Kb / 15P
7 A very low drop positive voltage regulator adjustable
16-Apr-2008
More results


Similar Description - LD1580

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1085XX STMICROELECTRONICS-LD1085XX Datasheet
941Kb / 27P
3 A low drop positive voltage regulator adjustable and fixed
05-Dec-2007
KD1084XX STMICROELECTRONICS-KD1084XX Datasheet
768Kb / 22P
5 A low drop positive voltage regulator adjustable and fixed
18-Dec-2007
LD1580XX STMICROELECTRONICS-LD1580XX Datasheet
367Kb / 15P
7 A very low drop positive voltage regulator adjustable
16-Apr-2008
KD1084XX STMICROELECTRONICS-KD1084XX_08 Datasheet
356Kb / 20P
5 A low drop positive voltage regulator adjustable and fixed
16-Jul-2008
LD1086XX STMICROELECTRONICS-LD1086XX_07 Datasheet
1Mb / 38P
1.5 A low drop positive voltage regulator adjustable and fixed 
14-Jul-2008
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
Adjustable and fixed low drop positive voltage regulator
22-Mar-2010
KD1084AXX STMICROELECTRONICS-KD1084AXX_09 Datasheet
346Kb / 17P
5 A low drop positive voltage regulator adjustable and fixed
28-Jul-2009
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com