Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1580 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LD1580
Description  7 A VERY LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1580 Datasheet(HTML) 2 Page - STMicroelectronics

  LD1580 Datasheet HTML 1Page - STMicroelectronics LD1580 Datasheet HTML 2Page - STMicroelectronics LD1580 Datasheet HTML 3Page - STMicroelectronics LD1580 Datasheet HTML 4Page - STMicroelectronics LD1580 Datasheet HTML 5Page - STMicroelectronics LD1580 Datasheet HTML 6Page - STMicroelectronics LD1580 Datasheet HTML 7Page - STMicroelectronics LD1580 Datasheet HTML 8Page - STMicroelectronics LD1580 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LD1580
2/18
The LD1580 also features a built-in output current
limit function and a thermal shutdown protection
with hysteresis which
prevents from excessive
power
dissipation
in
case
of
insufficient
heatsinking. On chip trimming allows the regulator
to reach a very tight output voltage tolerance,
within ±2% at the maximum output current and
over the full temperature range.
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
THERMAL DATA
CONNECTION DIAGRAM (top view)
Symbol
Parameter
Value
Unit
VPOWER
DC VPOWER voltage
from -0.3 to 6
V
VCONTROL DC VCONTROL voltage
from -0.3 to 13
V
IOUT
Output Current
Internally Limited
A
PD
Power Dissipation
Internally Limited
W
Tstg
Storage Temperature Range
-55 to +150
°C
Top
Operating Junction Temperature Range
-40 to +125
°C
Symbol
Parameter
PENTAWATTTM
HEPTAWATTTM
P2PAK
SPAK-5L
SPAK-7L
Unit
Rthj-case Thermal Resistance Junction-case
3
3
2
°C/W
Rthj-amb Thermal Resistance Junction-ambient
50
62.5
TBD
°C/W
HEPTAWATTTM
PENTAWATTTM
P2PAK
SPAK-5L
SPAK-7L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com