Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1580 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD1580
Description  7 A VERY LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1580 Datasheet(HTML) 1 Page - STMicroelectronics

  LD1580 Datasheet HTML 1Page - STMicroelectronics LD1580 Datasheet HTML 2Page - STMicroelectronics LD1580 Datasheet HTML 3Page - STMicroelectronics LD1580 Datasheet HTML 4Page - STMicroelectronics LD1580 Datasheet HTML 5Page - STMicroelectronics LD1580 Datasheet HTML 6Page - STMicroelectronics LD1580 Datasheet HTML 7Page - STMicroelectronics LD1580 Datasheet HTML 8Page - STMicroelectronics LD1580 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
November 2002
s
OUTPUT CURRENT LIMIT
s
LOW DROPOUT VOLTAGE: TYPICALLY
400mV AT 7A OUTPUT CURRENT
s
OUTPUT VOLTAGE REMOTE SENSE PIN
s
FAST TRANSIENT RESPONSE
s
THERMAL SHUTDOWN PROTECTION
WITH HYSTERESIS
s
WIDE OPERATING TEMPERATURE RANGE
-40°C TO 125°C
s
NO SUPPLY SEQUENCING PROBLEMS IN
DUAL SUPPLY MODE
s
OUTPUT VOLTAGES AVAILABLE 1.5 V, 1.8V,
2.5 V, 3.0 V, 3.3 V ADJUSTABLE.
DESCRIPTION
The LD1580 is a very low dropout positive linear
voltage
regulator
particularly
suitable
in
applications requiring output currents up to 7 A.
The LD1580 typical dropout voltage is 400mV at
7A
while
it
decreases
at
lighter loads.
This very low dropout is achieved thanks to a
second input voltage pin, named VCONTROL,
which is also responsable of the output power
stage driving.
The LD1580 is provided with an output voltage
remote sense pin which reduces dramatically any
output voltage variations that could occur due to
load changes.
On fixed voltage devices, the ADJ pin is still
available. A small capacitor on this pin helps to
improve transient response.
LD1580
7 A VERY LOW DROP POSITIVE VOLTAGE REGULATOR
ADJUSTABLE AND FIXED
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
SCHEMATIC DIAGRAM
HEPTAWATTTM
PENTAWATTTM
P2PAK
1
5
SPAK-5L
SPAK-7L
PRELIMINARY DATA


Similar Part No. - LD1580

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1580P2T-R STMICROELECTRONICS-LD1580P2T-R Datasheet
367Kb / 15P
7 A very low drop positive voltage regulator adjustable
16-Apr-2008
LD1580XX STMICROELECTRONICS-LD1580XX Datasheet
367Kb / 15P
7 A very low drop positive voltage regulator adjustable
16-Apr-2008
More results

Similar Description - LD1580

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1085XX STMICROELECTRONICS-LD1085XX Datasheet
941Kb / 27P
3 A low drop positive voltage regulator adjustable and fixed
05-Dec-2007
KD1084XX STMICROELECTRONICS-KD1084XX Datasheet
768Kb / 22P
5 A low drop positive voltage regulator adjustable and fixed
18-Dec-2007
LD1580XX STMICROELECTRONICS-LD1580XX Datasheet
367Kb / 15P
7 A very low drop positive voltage regulator adjustable
16-Apr-2008
KD1084XX STMICROELECTRONICS-KD1084XX_08 Datasheet
356Kb / 20P
5 A low drop positive voltage regulator adjustable and fixed
16-Jul-2008
LD1086XX STMICROELECTRONICS-LD1086XX_07 Datasheet
1Mb / 38P
1.5 A low drop positive voltage regulator adjustable and fixed 
14-Jul-2008
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
Adjustable and fixed low drop positive voltage regulator
22-Mar-2010
KD1084AXX STMICROELECTRONICS-KD1084AXX_09 Datasheet
346Kb / 17P
5 A low drop positive voltage regulator adjustable and fixed
28-Jul-2009
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com