Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1580 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LD1580
Description  7 A VERY LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1580 Datasheet(HTML) 3 Page - STMicroelectronics

  LD1580 Datasheet HTML 1Page - STMicroelectronics LD1580 Datasheet HTML 2Page - STMicroelectronics LD1580 Datasheet HTML 3Page - STMicroelectronics LD1580 Datasheet HTML 4Page - STMicroelectronics LD1580 Datasheet HTML 5Page - STMicroelectronics LD1580 Datasheet HTML 6Page - STMicroelectronics LD1580 Datasheet HTML 7Page - STMicroelectronics LD1580 Datasheet HTML 8Page - STMicroelectronics LD1580 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LD1580
3/18
ORDERING CODES
(*) Available in Tape & Reel with the suffix "R" for fixed version and "-R" for adjustable version.
TYPICAL APPLICATION CIRCUITS FOR FIXED VERSION
TYPICAL APPLICATION CIRCUITS FOR ADJUSTABLE VERSION
P2PAK (*)
PENTAWATT
SPAK-5L (*)
SPAK-7L (*)
HEPTAWATT
OUTPUT VOLTAGE
LD1580K7-15
LD1580V7V15
1.5V
LD1580K7-18
LD1580V7V18
1.8V
LD1580K7-25
LD1580V7V25
2.5V
LD1580K7-30
LD1580V7V30
3.0V
LD1580K7-33
LD1580V7V33
3.3V
LD1580P2T
LD1580V5V
LD1580K5
Adjustable
R2
VO =VREF (1 + )
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com