Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3B40 Datasheet(PDF) 1 Page - Analog Devices

Part # 3B40
Description  Isolated Wideband Voltage Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B40 Datasheet(HTML) 1 Page - Analog Devices

  3B40 Datasheet HTML 1Page - Analog Devices 3B40 Datasheet HTML 2Page - Analog Devices 3B40 Datasheet HTML 3Page - Analog Devices 3B40 Datasheet HTML 4Page - Analog Devices 3B40 Datasheet HTML 5Page - Analog Devices 3B40 Datasheet HTML 6Page - Analog Devices 3B40 Datasheet HTML 7Page - Analog Devices 3B40 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Isolated Wideband Voltage Input
3B40 / 3B41
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Interfaces, amplifies, protects& filters wide-bandwidth (h0
kHz) single-channel analog voltage inputs.
Module provides simultaneous precision voltage and
current outputs.
Module circuitry can withstand 130v rms at the current
output screw-terminals.
All 3B40 & 3B41 series modules are mix-and-match and Hot
Swappable.
APPLICATIONS
Industrial signal conditioning
Industrial signal isolation
Industrial signal filtering
PRODUCT OVERVIEW
The 3B Series of Signal Conditioning I/o Subsystems provide a
low-cost, versatile method of transferring analog transducer
signals to a data acquisition, monitoring or control system
without the inherent noise, non-linearity, drift and extraneous
voltages. The modules are designed to directly accept analog
signals from Thermocouples, RTD’s, AC and DC Strain Gages,
Torque Transducers, Frequency Transducers, LVDTs, millivolt
or process current signals. The modules amplify, isolate,
linearize and convert the transducer output signals to
standardized analog inputs for high-level analog I/O
subsystems. The 3B Series Subsystem consists of a 10” relay
rack with universal mounting backplane and a family of plug-in
(up to 16 per rack) input and output signal conditioning
modules.
Eight and four channel backplanes are also available. Each
backplane incorporates screw terminals for sensor inputs and
current outputs and a 26-pin connector for high-level single-
ended voltage outputs to the user’s equipment.
The input modules feature complete signal conditioning
circuitry optimized for specific sensors or analog signals and
provide two simultaneous high-level analog outputs: 0 to +10V
(or +10V) and 4-20 mA (or 0-20 mA).
FUNCTIONAL BLOCK DIAGRAM
Figure 1. 3B40 & 3B41 Functional Block Diagram
Output modules accept 0 to +10V (or +10V) single-ended
signals and provide an isolated 4-20 mA (or 0-20 mA) process
signal. All modules feature a universal pin-out and may be
readily hot-swapped under full power and interchanged without
disrupting field wiring.
The Analog Devices 3B Series Signal Conditioning Subsystem is
designed to easily handle signal conditioning problems in
measurement and control applications. Some typical uses are in
microcomputer-based data acquisition systems, programmable
controllers, analog recorders, dedicated control systems, and any
other applications where monitoring of temperature, pressure,
flow and analog signals are required. Since each input module
features two simultaneous outputs, the voltage output can be
used to provide an input to a microprocessor-based data
acquisition or control system while the current output can be
used for analog transmission, operator interface, or an analog
backup system.
Each input module is a single-channel signal conditioner which
plugs into a socket on the backplane and accepts its signal from
the input screw terminals. All input modules provide input
protection, amplification and filtering of the input signal,
accuracy of +0.1%, low drift of +1 uV/ oC (low-level input
modules), and feature two high-level analog outputs that are
compatible with most process instrumentation. The isolated
input modules also provide +1500 V peak isolation.
The choice of a specific 3B module depends upon the type of
input signal. Input modules are available to accept millivolt, volt,
process current, thermocouple, RTD, AC and DC strain gage,
frequency and LVDT inputs. The voltage output of each module
is available from the system I/O connector while the current
output is available on the output screw terminals.


Similar Part No. - 3B40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B42 AD-3B42 Datasheet
357Kb / 8P
Isolated AC Sine Wave Input
3B42-00 AD-3B42-00 Datasheet
357Kb / 8P
Isolated AC Sine Wave Input
3B42-01 AD-3B42-01 Datasheet
357Kb / 8P
Isolated AC Sine Wave Input
3B42-02 AD-3B42-02 Datasheet
357Kb / 8P
Isolated AC Sine Wave Input
3B42 AD-3B42_15 Datasheet
357Kb / 8P
Isolated AC Sine Wave Input
REV. 0
More results

Similar Description - 3B40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B30 AD-3B30 Datasheet
354Kb / 8P
Isolated Voltage Input
7B30 AD-7B30 Datasheet
533Kb / 8P
Isolated, Voltage or Current Input
REV. 0
7B21 AD-7B21 Datasheet
516Kb / 8P
Isolated High Level Voltage Input
REV. 0
7B41 AD-7B41 Datasheet
554Kb / 8P
Isolated, Voltage or Current Input
7B31 AD-7B31 Datasheet
533Kb / 8P
Isolated Voltage Input
3B30 AD-3B30_15 Datasheet
362Kb / 8P
Isolated Voltage Input
REV. 0
3B31 AD-3B31_15 Datasheet
362Kb / 8P
Isolated Voltage Input
REV. 0
7B21 AD-7B21_15 Datasheet
516Kb / 8P
Isolated High Level Voltage Input
REV. 0
7B31 AD-7B31_15 Datasheet
534Kb / 8P
Isolated Voltage Input
REV. 0
7B41 AD-7B41_15 Datasheet
555Kb / 8P
Isolated, Voltage or Current Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com