Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM85C30
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 35Page - Advanced Micro Devices AM85C30 Datasheet HTML 36Page - Advanced Micro Devices AM85C30 Datasheet HTML 37Page - Advanced Micro Devices AM85C30 Datasheet HTML 38Page - Advanced Micro Devices AM85C30 Datasheet HTML 39Page - Advanced Micro Devices AM85C30 Datasheet HTML 40Page - Advanced Micro Devices AM85C30 Datasheet HTML 41Page - Advanced Micro Devices AM85C30 Datasheet HTML 42Page - Advanced Micro Devices AM85C30 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
AMD
39
Am85C30
1
TdPC(REQ)
PCLK
↓ to W/REQ Valid Delay
250
150
80
ns
2
TdPC(W)
PCLK
↓ to Wait Inactive Delay
350
250
180
ns
3
TsRXC(PC)
RxC
↑ to PCLK ↑ Setup Time
NA
NA
NA
NA
NA
NA
(Notes 1, 4 & 8)
4
TsRXD(RXCr)
RxD to
RxC
↑ Setup Time
0
0
0
ns
(Xl Mode) (Note 1)
5
ThRXD(RXCr)
RxD to
RxC
↑ Hold Time
150
125
50
ns
(Xl Mode) (Note 1)
6
TsRXD(RXCf)
RxD to
RxC
↓ Setup Time
0
0
0
ns
(Xl Mode) (Notes 1, 5)
7
ThRXD(RXCf)
RxD to
RxC
↓ Hold Time
150
125
50
ns
(Xl Mode) (Notes 1, 5)
8
TsSY(RXC)
SYNC to RxC
↑ Setup Time
–200
–150
–100
ns
(Note 1)
9
ThSY(RXC)
SYNC to RxC
↑ Hold Time
5TcPC
5TcPC
5TcPc
ns
(Note 1)
10
TsTXC(PC)
TxC
↓ to PCLK ↑ Setup Time
NA
NA
NA
(Notes 2, 4 & 8)
11
TdTXCf(TXD)
TxC
↓ to TxD Delay (Xl Mode)
200
150
80
ns
(Note 2)
12
TdTXCr(TXD)
TxC
↑ to TxD Delay (Xl Mode)
200
150
80
ns
(Notes 2, 5)
13
TdTXD(TRX)
TxD to
TRxC Delay
200
140
80
ns
(Send Clock Echo)
14a
TwRTXh
RTxC High Width (Note 6)
150
120
80
ns
14b
TwRTxh(E)
RTxC High Width (Note 9)
50
40
15.6
ns
15a
TwRTXI
RTxC Low Width (Note 6)
150
120
80
ns
15b
TwRTXl(E)
RTxC Low Width (Note 9)
50
40
15.6
ns
16a
TcRTX
RTxC Cycle Time (Notes 6, 7)
488
400
244
ns
16b
TcRTx(E)
RTxC Cycle Time (Note 9)
125
100
31.25
ns
17
TcRTXX
Crystal Oscillator Period (Note 3)
125
1000
100
1000
62
1000
ns
18
TwTRXh
TRxC High Width (Note 6)
150
120
80
ns
19
TwTRXI
TRxC Low Width (Note 6)
150
120
80
ns
20
TcTRX
TRxC Cycle Time (Notes 6, 7)
488
400
244
ns
21
TwEXT
DCD or CTS Pulse Width
200
120
70
ns
22
TwSY
SYNC Pulse Width
200
120
70
ns
SWITCHING CHARACTERISTICS over COMMERCIAL operating range
General Timing (see Figure 19)
Notes:
1.
RxC is RTxC or TRxC, whichever is supplying the receive clock.
2.
TxC is TRxC or RTxC, whichever is supplying the transmit clock.
3. Both
RTxC and SYNC have 30-pF capacitors to ground connected to them.
4. Parameter applies only if the data rate is one-fourth the PCLK rate. In all other cases, no phase relationship between
RxC and PCLK or TxC and PCLK is required.
5. Parameter applies only to FM encoding/decoding.
6. Parameter applies only for transmitter and receiver; DPLL and baud rate generator timing requirements are identical to
chip PCLK requirements.
7. The maximum receive or transmit data is 1/4 PCLK.
8. External PCLK to
RxC or TxC synchronization requirement eliminated for PCLK divide-by-four operation.
TRxC and RTxC rise and fall times are identical to PCLK. Reference timing specs Tfpc and Trpc.
Tx and Rx input clock slow rates should be kept to a maximum of 30 ns. All parameters related to input CLK edges
should be referenced at the point at which the transition begins or ends, whichever is the worst case.
9. ENHANCED FEATURE—
RTxC used as input to internal DPLL only.
No.
Parameter
Symbol
Parameter
Description
10 MHz
16.384 MHz
Min
Max
Min
Max
Unit
8.192 MHz
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com