Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30-8PC Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM85C30-8PC
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-8PC Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM85C30-8PC Datasheet HTML 1Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 2Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 3Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 4Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 5Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 6Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 7Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 8Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
AMD
4
Am85C30
ORDERING INFORMATION
Commodity Products
-8 = 8.192 MHz
-10 = 10 MHz
-16 = 16.384 MHz
AMD commodity products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of:
AM85C30
P
C
OPTIONAL PROCESSING
TEMPERATURE RANGE
C = Commercial (0 to +70
°C)
PACKAGE TYPE
P = 40-Pin Plastic DIP (PD 040)
J = 44-Pin Plastic Leaded Chip Carrier (PL 044)
SPEED OPTION
DEVICE NUMBER/DESCRIPTION
Am85C30
Enhanced Serial Communications Controller
Blank = Standard Processing
Valid Combinations
Valid Combinations list configurations planned to
be supported in volume for this device. Consult
the local AMD sales office to confirm availability of
specific valid combinations and check on newly
released combinations.
Valid Combinations
AM85C30-8
AM85C30-10
AM85C30-16
PC, JC
-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com