Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30-8PC Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM85C30-8PC
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-8PC Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM85C30-8PC Datasheet HTML 2Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 3Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 4Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 5Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 6Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 7Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 8Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 9Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
AMD
6
Am85C30
MILITARY ORDERING INFORMATION
APL Products
AMD products for Aerospace and Defense applications are available in several packages and operating ranges. APL (Approved
Products List) products are fully compliant with MIL-STD-883 requirements. The order number (Valid Combination) is formed by a
combination of:
AM85C30
B
U
LEAD FINISH
PACKAGE TYPE
U = 44-Pin Leadless Chip Carrier (CL 044)
Q = 40-Pin Ceramic DIP (CD 040)
DEVICE CLASS
/B = Class B
SPEED OPTION
-8 = 8.192 MHz
-10 = 10 MHz
-16 = 16.384 MHz
DEVICE NUMBER/DESCRIPTION
Am85C30
Enhanced Serial Communications Controller
Valid Combinations
Valid Combinations list configurations planned to
be supported in volume for this device. Consult
the local AMD sales office to confirm availability of
specific valid combinations and check on newly
released combinations.
Valid Combinations
BQA, BUA
A
A = Hot Solder Dip
-10
AM85C30-8
AM85C30-10
AM85C30-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com