Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95256-R Datasheet(PDF) 44 Page - STMicroelectronics

Part # M95256-R
Description  256-Kbit serial SPI bus EEPROM with high-speed clock
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-R Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M95256-R Datasheet HTML 40Page - STMicroelectronics M95256-R Datasheet HTML 41Page - STMicroelectronics M95256-R Datasheet HTML 42Page - STMicroelectronics M95256-R Datasheet HTML 43Page - STMicroelectronics M95256-R Datasheet HTML 44Page - STMicroelectronics M95256-R Datasheet HTML 45Page - STMicroelectronics M95256-R Datasheet HTML 46Page - STMicroelectronics M95256-R Datasheet HTML 47Page - STMicroelectronics M95256-R Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
Date
Revision
Changes
Test conditions modified for ICC0 and ICC1, and VIH min modified in Table 17: AC characteristics (M95256, device
grade 3).
tW modified and “preliminary data” note removed in Table 20: AC characteristics (M95256-DR, M95256-R device
grade 6).
Blank option removed below Plating technology, process A modified and process V removed in Table 25: Ordering
information scheme.
Table 26: Available M95256x products (package, voltage range, temperature grade) added.
SO8N and SO8W package specifications updated (see Section 10: Package mechanical data). Package
mechanical data: inches calculated from mm and rounded to 3 decimal digits.
27-Mar-2008
8
Section 3.8: Operating supply voltage (VCC) modified. Small text changes. Frequency corrected on page 1.
VIL and VIH modified in Table 16: DC characteristics (M95256-R, M95256-DR, device grade 6).
AB Process added to Table 25: Ordering information scheme.
15-Jul-2008
9
WLCSP package added (see Figure 3: WLCSP connections (top view, marking side, with balls on the underside)
and Section 10: Package mechanical data).
24-Jun-2010
10
Updated Section 3.8: Operating supply voltage (VCC)
Updated Section 4.3: Data protection and protocol control
Updated Section 5.4: Write Status Register (WRSR)
Added note in Section 5.6: Write to Memory Array (WRITE)
Updated Table 7: Absolute maximum ratings
Added Table 20: AC characteristics (M95256-DR, M95256-R device grade 6)
Updated Table 20: AC characteristics (M95256-DR, M95256-R device grade 6)
07-Sep-2010
11
Updated Section 1: Description.
Updated Section 5.7: Read Identification Page (available only in M95256-DR devices).
Updated Section 5.8: Write Identification Page.
Updated Section 5.9: Read Lock Status (available only in M95256-DR devices).
12-Nov-2010
12
Updated Features.
Updated Section 5.8: Write Identification Page.
Added Figure 25: TSSOP8 – 8 lead thin shrink small outline, package outline.
Added Table 23: UFDFPN8 (MLP8) – 8-lead ultra thin fine pitch dual flat package no lead 2 × 3 mm, package
mechanical data.
Updated Section 11: Part numbering.
Updated Table 26: Available M95256x products (package, voltage range, temperature grade).
Updated Figure 25, Figure 26.
22-Mar-2011
13
Deleted:
•
SO8 (MW) picture under Features
•
SO8 (MW) mechanical dimensions
Updated:
•
UFDFPN8 (MB) with UFDFPN8 (MB, MC) picture under Features
•
Section 5.6.1: ECC (error correction code) and Write cycling
•
Section 7: Connecting to the SPI bus
•
Table 7: Absolute maximum ratings
Process letter K substituted with only concerned products (M95256-D and M95256 in MLP8 package MC).9
M95256-W M95256-R M95256-DF
DS4712 - Rev 22
page 44/51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com