Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95256-R Datasheet(PDF) 30 Page - STMicroelectronics

Part # M95256-R
Description  256-Kbit serial SPI bus EEPROM with high-speed clock
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-R Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M95256-R Datasheet HTML 26Page - STMicroelectronics M95256-R Datasheet HTML 27Page - STMicroelectronics M95256-R Datasheet HTML 28Page - STMicroelectronics M95256-R Datasheet HTML 29Page - STMicroelectronics M95256-R Datasheet HTML 30Page - STMicroelectronics M95256-R Datasheet HTML 31Page - STMicroelectronics M95256-R Datasheet HTML 32Page - STMicroelectronics M95256-R Datasheet HTML 33Page - STMicroelectronics M95256-R Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
Table 16. DC characteristics (M95256-W, device grade 6)
Symbol
Parameter
Test conditions
Min.
Max.
Unit
ILI
Input leakage current
VIN = VSS or VCC
-
± 2
µA
ILO
Output leakage current
S = VCC, Q = VSS or VCC
-
± 2
µA
ICC
Supply current (Read)
VCC = 2.5 V, C = 0.1 VCC / 0.9 VCC
at 10 MHz, Q = open
-
2
mA
VCC = 5.5 V, C = 0.1 VCC / 0.9 VCC
at 20 MHz, Q = open
-
5
mA
ICC0 (1)
Supply current (Write)
During tW, S = VCC,
2.5 V ≤ VCC ≤ 5.5 V
-
5
mA
ICC1
Supply current
(Standby Power mode)
S = VCC, VCC= 2.5 V,
VIN = VSS or VCC
-
2
µA
S = VCC, VCC= 5.5 V,
VIN = VSS or VCC
-
3
µA
VIL
Input low voltage
-
–0.45
0.3 VCC
V
VIH
Input high voltage
-
0.7 VCC
VCC+1
V
VOL
Output low voltage
VCC = 2.5 V and IOL = 1.5 mA or
VCC = 5 V and IOL = 2 mA
-
0.4
V
VOH
Output high voltage
VCC = 2.5 V and IOH = –0.4 mA or
VCC = 5 V and IOH = –2 mA
0.8 VCC
-
V
1. Evaluated By Characterization - Not tested in production.
Table 17. DC characteristics (M95256-R, device grade 6)
Symbol
Parameter
Test conditions(1)
Min
Max
Unit
ILI
Input leakage current
VIN = VSS or VCC
-
± 2
µA
ILO
Output leakage current
S = VCC, Q = VSS or VCC
-
± 2
µA
ICC
Supply current (Read)
VCC= 1.8 V, C = 0.1 VCC / 0.9 VCC
at 5 MHz, Q = open
-
2
mA
ICC0 (2) Supply current (Write)
VCC = 1.8 V , during tW, S = VCC
-
3
mA
ICC1
Supply current (Standby Power mode)
VCC = 1.8 V, S = VCC, VIN = VSS or VCC
-
1
µA
VIL
Input low voltage
1.8 V ≤ VCC < 2.5 V
– 0.45
0.25 VCC
V
VIH
Input high voltage
1.8 V ≤ VCC < 2.5 V
0.75 VCC
VCC+1
V
VOL
Output low voltage
IOL = 0.15 mA, VCC = 1.8 V
-
0.3
V
VOH
Output high voltage
IOH = –0.1 mA, VCC = 1.8 V
0.8 VCC
-
V
1. If the application uses the M95256-R with 2.5 V < VCC < 5.5 V and - 40 °C < TA < + 85 °C, refer to Table 16. DC
characteristics (M95256-W, device grade 6) instead of the above table.
2. Evaluated By Characterization - Not tested in production.
M95256-W M95256-R M95256-DF
DC and AC parameters
DS4712 - Rev 22
page 30/51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com