Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95640-R Datasheet(PDF) 51 Page - STMicroelectronics

Part # M95640-R
Description  64-Kbit serial SPI bus EEPROM with high-speed clock
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-R Datasheet(HTML) 51 Page - STMicroelectronics

Back Button M95640-R Datasheet HTML 45Page - STMicroelectronics M95640-R Datasheet HTML 46Page - STMicroelectronics M95640-R Datasheet HTML 47Page - STMicroelectronics M95640-R Datasheet HTML 48Page - STMicroelectronics M95640-R Datasheet HTML 49Page - STMicroelectronics M95640-R Datasheet HTML 50Page - STMicroelectronics M95640-R Datasheet HTML 51Page - STMicroelectronics M95640-R Datasheet HTML 52Page - STMicroelectronics M95640-R Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 51 / 53 page
background image
DocID16877 Rev 19
51/53
M95640-W M95640-R M95640-DF
Revision history
52
12
Revision history
Table 26. Document revision history
Date
Revision
Changes
21-Dec-2010
13
Added part number M95640-DR.
Updated Features, Section 1: Description, Section 6.4: Write Status
Register (WRSR), Section 6.6: Write to Memory Array (WRITE), Table 8:
Absolute maximum ratings, all tables in Section 9: DC and AC
parameters, Section 11: Part numbering.
Added Table 4: M95640-DR instruction set, Section 6.7: Read
Identification Page, Section 6.9: Read Lock Status, Section 6.10: Lock ID,
Figure 16: Read Lock Status sequence, Figure 17: Lock ID sequence,
Table 27: Available M95640-DR products (package, voltage range,
temperature grade).
Replaced Table 40.
02-Feb-2011
14
Updated:
- UFDFPN8 package under
Features
- Icc @10M Hz in Table 15
- note (1) under Table 32
- note (1) under Table 21
- layout of Table 8
Added references to M95640-DR in titles of tables
17 and 21.
Deleted
Table 26 Available M95640x products (package, voltage range,
temperature grade) and Table 27 Available M95640-DR products
(package, voltage range, temperature grade).
07-Apr-2011
15
Updated MLP8 package data.
24-Sep-2012
16
Data sheet split into:
– M95640-125 datasheet for automotive products (range 3),
– M95640-W, M95640-R, M95640-DF (this datasheet) for standard
products (range 6).
Updated:
– Cycling defined as 4 million cycles, Section 6.6.1: Cycling with Error
Correction Code (ECC), Table 12: Cycling performance by groups of
four bytes
– Data retention defined as 200 years, Table 13: Memory cell data
retention
– Block diagram (Figure 4)
Added:
– 1.7 V AC/DC tables (M95640-DF)
Deleted:
– Internal reset threshold voltage in Table 15: DC characteristics
(M95640-W, device grade 6) and Table 17: DC characteristics
(M95640-DF, device grade 6)
– M95640-DR (replaced with M95640-DF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com