Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95640-R Datasheet(PDF) 52 Page - STMicroelectronics

Part # M95640-R
Description  64-Kbit serial SPI bus EEPROM with high-speed clock
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-R Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M95640-R Datasheet HTML 45Page - STMicroelectronics M95640-R Datasheet HTML 46Page - STMicroelectronics M95640-R Datasheet HTML 47Page - STMicroelectronics M95640-R Datasheet HTML 48Page - STMicroelectronics M95640-R Datasheet HTML 49Page - STMicroelectronics M95640-R Datasheet HTML 50Page - STMicroelectronics M95640-R Datasheet HTML 51Page - STMicroelectronics M95640-R Datasheet HTML 52Page - STMicroelectronics M95640-R Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
Revision history
M95640-W M95640-R M95640-DF
52/53
DocID16877 Rev 19
01-Feb-2013
17
Replaced ball by bump in the whole document.
Updated Section 7.2: Initial delivery state.
Added description of thin WLCSP 8 bump package including land pattern.
Updated Note 2.
13-May-2015
18
Updated Features and WLCSP package figure on cover page.
Updated Figure 3: 8-bump thin WLCSP connections (top view).
Removed note on UV exposure in Section 1: Description.
Updated Section 5.1.3: Power-up conditions.
Updated tables in Section 6: Instructions.
Updated Table 7: Absolute maximum ratings and its footnotes.
Updated Section 10: Package information with changes in each of
Sections 10.1: SO8N package information, 10.2: TSSOP8 package
information, 10.3: UFDFN8 package information and 10.4: Thin WLCSP
package information.
Updated Table 25: Ordering information scheme and added Note: on
Engineering samples.
11-Feb-2016
19
Updated Figure 4: Block diagram and Figure 9: Write Disable (WRDI)
sequence.
Updated caption of Figure 25 and Table 22 in Section 10.2: TSSOP8
package information.
Updated Table 24: Thin WLCSP- 8-bump, 1.073 x 0.959 mm, wafer level
chip scale package mechanical data.
Table 26. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com