Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC000565 Datasheet(PDF) 2 Page - Amphenol Sine Systems Corp.

Part # SC000565
Description  Panel Rack Mount Power Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

SC000565 Datasheet(HTML) 2 Page - Amphenol Sine Systems Corp.

  SC000565 Datasheet HTML 1Page - Amphenol Sine Systems Corp. SC000565 Datasheet HTML 2Page - Amphenol Sine Systems Corp. SC000565 Datasheet HTML 3Page - Amphenol Sine Systems Corp. SC000565 Datasheet HTML 4Page - Amphenol Sine Systems Corp. SC000565 Datasheet HTML 5Page - Amphenol Sine Systems Corp. SC000565 Datasheet HTML 6Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.amphenol-sine.com
www.amphenol-sine.com
PRM Series™, 2.4mm
Image
Part Number
Description
Size
Amp
Voltage
PRM2400-G2-PLG
Kit, 2 Position, Female Plug, Socket, PRM Series™,
10-12AWG SureSocket™ Machined Contacts
Mates with: PRM2400-G2-PNL
2.4mm
Up to 32A
250
PRM2400-G3-PLG
Kit, 2 Position, Female Plug, Socket, PRM Series™,
14-16AWG SureSocket™ Machined Contacts
Mates with: PRM2400-G2-PNL
2.4mm
Up to 20A
250
PRM2400-G4-PLG
Kit, 2 Position, Female Plug, Socket, PRM Series™,
18-20AWG SureSocket™ Machined Contacts
Mates with: PRM2400-G2-PNL
2.4mm
Up to 12A
250
PRM2400-G2-PNL
Kit, 2 Position, Male Receptacle, Pin, PRM Series™,
12-14AWG Machined Contacts
Mates with: PRM2400-GX-PLG
2.4mm
Up to 32A
250
PL000733
2.4mm, Male Receptacle Housing, PRM Series™
2.4mm
N/A
N/A
PL000734
2.4mm, Female Plug Housing for use with PL000735, PRM Series™
2.4mm
N/A
N/A
PL000735
2.4mm, Retainer Clip for use with PL000734, PRM Series™
2.4mm
N/A
N/A
SC000565
2.4mm, Contact, Pin, 4-40 UNC Thread
2.4mm
30A Max
N/A
SC000611
2.4mm, Contact, Pin, 10-12AWG
2.4mm
30A Max
N/A
SC000612
2.4mm, Female SureSocket™ Machined Contact, 10-12AWG
2.4mm
30A Max
N/A
SC000692
2.4mm, Female SureSocket™ Machined Contact, 14-16AWG
2.4mm
20A Max
N/A
SC000706
2.4mm, Female SureSocket™ Machined Contact, 18-20AWG
2.4mm
10A Max
N/A
2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com