Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC000565 Datasheet(PDF) 6 Page - Amphenol Sine Systems Corp.

Part # SC000565
Description  Panel Rack Mount Power Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

SC000565 Datasheet(HTML) 6 Page - Amphenol Sine Systems Corp.

  SC000565 Datasheet HTML 1Page - Amphenol Sine Systems Corp. SC000565 Datasheet HTML 2Page - Amphenol Sine Systems Corp. SC000565 Datasheet HTML 3Page - Amphenol Sine Systems Corp. SC000565 Datasheet HTML 4Page - Amphenol Sine Systems Corp. SC000565 Datasheet HTML 5Page - Amphenol Sine Systems Corp. SC000565 Datasheet HTML 6Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.amphenol-sine.com
For more information, contact: Customer Service, +1 800 394 7732, csr@amphenol-sine.com
© 2020 Amphenol Sine Systems Corporation, 44274 Morley Drive, Clinton Township MI 48036 USA. www.amphenol-sine.com. Customer Service +1 800 394 7732 Every effort
has been made to ensure that the information contained in this document is accurate at the time of publication. Specifications or information stated in this document are
subject to change without notice. 10/2020
www.amphenol-sine.com
High Voltage, High Current Contact System
The RADSOK® R8S is a further development of the extremely reliable RADSOK® contact system, which has been
successfully used in industrial sectors for a number of decades. The symmetrical annular contact, which has
been optimized in all areas, is comprised of a contact grid made of a beryllium-free copper alloy and features
a radially-twisted lamella layout for self-cleaning. This design enables the contacts to achieve the best possible
contact resistance and high corrosion resistance. The RADSOK® R8S contact system withstands temperatures up
to 170°C. The new and improved contact system also boasts a high power density in proportion to its weight.
Applications: Industrial, Automation, Harsh Environment
Key Features
•
Low contact resistence
•
Higher amperage in a compact design
Derating Curves - DIN EN 60512-5-2:2003-01
Pin #SC000531-8, Socket #SC000532-10-R4, Wire 10AWG
120
Current
(A)
100
80
60
40
20
0
0°C
20°C
40°C
60°C
80°C
Ambient Temperature
100°C 120°C 140°C 160°C 180°C
DIN EN 60512-5-2:2003-01
RADSOK 4.0mm, Wire Size 8AWG, 10mm, 80% Curve, “Free In Air”
RADSOK®R8S
Technical Specifications
Operating Temperature -40°C to +170°C
Contact Body Copper Alloy, Silver-Plated
Contact Spring Copper Alloy, Silver-Plated
Max. Current (AMP) Socket #SC000532-6-R4 / 70A / 6-8AWG
Socket #SC000532-10-R4 / 70A / 10-12AWG
Socket #SC000532-14-R4 / 70A / 14-16AWG
Termination Type Crimp
Mating Cycles >500 matings and unmatings
RoHS Compliant
•
Contact Area Extends 360° Around Pins
•
Radially-twisted lamella layout for self-cleaning
•
Withstands temperatures up to 170°C
Socket #SC000532-6-R4 Dimensions
Socket #SC000532-10-R4 Dimensions
Socket #SC000532-14-R4 Dimensions
6 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com