Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC000532-10-R4 Datasheet(PDF) 1 Page - Amphenol Sine Systems Corp.

Part # SC000532-10-R4
Description  Panel Rack Mount Power Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

SC000532-10-R4 Datasheet(HTML) 1 Page - Amphenol Sine Systems Corp.

  SC000532-10-R4 Datasheet HTML 1Page - Amphenol Sine Systems Corp. SC000532-10-R4 Datasheet HTML 2Page - Amphenol Sine Systems Corp. SC000532-10-R4 Datasheet HTML 3Page - Amphenol Sine Systems Corp. SC000532-10-R4 Datasheet HTML 4Page - Amphenol Sine Systems Corp. SC000532-10-R4 Datasheet HTML 5Page - Amphenol Sine Systems Corp. SC000532-10-R4 Datasheet HTML 6Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.amphenol-sine.com
Standard products. Custom solutions
Customer Service +1 800 394 7732
www.amphenol-sine.com
PRMSeries™
Panel Rack Mount Power Connectors
Available in 2 position
Amphenol Sine Systems’ PRM Series™ (Panel Rack Mount) Connectors, available in both Plugs and Receptacles, are a quick-connect
power connector solution for use in panel rack mount network aplications. Our quick-connect design enables denser installations,
ffaster deployments and upgrades.
Technical Specifications
Operating Temperature -40°C to +125°C
Current (Amperage) Up to 70A
Maximum Voltage 250V
Minimum Mating Cycles >500
Contact Sizes 2.4mm: 0.216 (5.5mm); 4.0mm: 0.315 (8mm)
Number/Size of Contacts 2/ 2.4mm (SureSocket™) or 4.0mm (RADSOK®)
Contacts SureSocket™ Spring: Copper Alloy, Gold-Plated
RADSOK® Spring: Copper Alloy, Silver-Plated
Contact Barrel Range 2.4mm: 10-20AWG; 4.0mm: 6-16AWG
Housing Body GF PA 6/6
Flame Rating UL94 V-0
Features & Benefits
Field Installable w Standard Crimpers
Stackable / Reduced Footprint / In-Line Wire Design
Faster Installations / Replacements
Keyed to prevent mis-mating/reverse polarity
RADSOK®* and SureSocket™ Contacts
Panel receptacles can be customized to your specific application
*RADSOK Male 4.0mm are Touch-Proof for added safety
Quick-Connect Design
Simple Plug & Play
Stackable Footprint
Optimal Wire Management
Ring Terminal Design
Multi-Step Install Process
Time Consuming
Non-Optimal Wire Management
Vs.
Market Applications: Telecommunications Infrastructure, Data Centers, Broadband
1 of 6
RoHS


Similar Part No. - SC000532-10-R4

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
SC000532-10-R4 ASS-SC000532-10-R4 Datasheet
199Kb / 1P
4MM FEMALE SOCKET, 10-12AWG MACHINED RADSOCK® R8S CONTACT
Rev. A1
SC000532-10-R4 ASS-SC000532-10-R4 Datasheet
167Kb / 1P
KIT, 2 POSN, F/M PLUG, SCKT PRM SERIES™ MACH CONT, MATES WITH PRM0400-G2.PNL
Rev. A1
More results

Similar Description - SC000532-10-R4

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
Rack and Panel Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
Rack and Panel Connectors
15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
Rack and Panel Connectors
08-Feb-07
G16P-AB VISHAY-G16P-AB Datasheet
375Kb / 2P
Rack and Panel Connectors Side Mount
08-Feb-07
G20P-A VISHAY-G20P-A Datasheet
325Kb / 2P
Rack and Panel Connectors Side Mount
14-Feb-07
logo
ITT Industries
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
Cannon Rack & Panel Connectors
logo
Vishay Siliconix
A20 VISHAY-A20_V01 Datasheet
459Kb / 3P
Rack and Panel Connectors Side Mount
08-Feb-07
G16 VISHAY-G16 Datasheet
131Kb / 2P
Rack and Panel Connectors Side Mount
30-Jun-14
G20 VISHAY-G20 Datasheet
330Kb / 2P
Rack and Panel Connectors Side Mount
14-Feb-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com