Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NEMA17-AMT112S Datasheet(PDF) 3 Page - CUI Devices

Part # NEMA17-AMT112S
Description  STEPPER SERVO MOTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

NEMA17-AMT112S Datasheet(HTML) 3 Page - CUI Devices

  NEMA17-AMT112S Datasheet HTML 1Page - CUI Devices NEMA17-AMT112S Datasheet HTML 2Page - CUI Devices NEMA17-AMT112S Datasheet HTML 3Page - CUI Devices NEMA17-AMT112S Datasheet HTML 4Page - CUI Devices NEMA17-AMT112S Datasheet HTML 5Page - CUI Devices NEMA17-AMT112S Datasheet HTML 6Page - CUI Devices NEMA17-AMT112S Datasheet HTML 7Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CUI DEVICES | SERIES: NEMA17-AMT112S | DESCRIPTION: STEPPER SERVO MOTOR
date 08/05/2022 | page 3 of 7
cuidevices.com
STEPPER MOTOR
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
motor frame size
NEMA Size 17
step angle
1.8
°
rated current/phase
see page 1 for details
rated voltage
24-48
Vdc
resistance/phase
see page 1 for details
inductance/phase
see page 1 for details
connection type
bipolar
rotor inertia
NEMA17-13-04SD-AMT112S, NEMA17-13-04PD-AMT112S
NEMA17-16-06SD-AMT112S, NEMA17-16-06PD-AMT112S
NEMA17-19-07SD-AMT112S, NEMA17-19-07PD-AMT112S
NEMA17-23-01D-AMT112S
0.18
0.28
0.37
0.56
oz-in2
oz-in2
oz-in2
oz-in2
max holding torque
see page 1 for details
bearing type
ABEC3
front shaft OD
5
mm
front shaft length
0.94
inch
max optimal speed
see page 1 for details
max axial load
6
lb
radial play
at 1 lb load
0.001
inch
end play
at 2 lbs load
0.003
inch
shaft run out
0.002
inch TIR
dielectric strength
500
V
EMI/EMC
EN 55014-1:2007
SWITCHING SEQUENCE
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-20
50
°C
storage temperature
-20
100
°C
humidity
non-condensing
85
%
vibration
10~500 Hz, 5 minute sweep, 2 hours on each XYZ
5
G
shock
3 pulses, 6 ms, 3 on each XYZ
200
G
RoHS
yes
SWITCHING SEQUENCE
CCW
STEP
A
A
B
B
1
+
-
+
-
2
+
-
-
+
3
-
+
-
+
4
-
+
+
-
1
+
-
+
-
Motor Rotation Viewed from Front Shaft End
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com