Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NEMA17-AMT112S Datasheet(PDF) 4 Page - CUI Devices

Part # NEMA17-AMT112S
Description  STEPPER SERVO MOTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

NEMA17-AMT112S Datasheet(HTML) 4 Page - CUI Devices

  NEMA17-AMT112S Datasheet HTML 1Page - CUI Devices NEMA17-AMT112S Datasheet HTML 2Page - CUI Devices NEMA17-AMT112S Datasheet HTML 3Page - CUI Devices NEMA17-AMT112S Datasheet HTML 4Page - CUI Devices NEMA17-AMT112S Datasheet HTML 5Page - CUI Devices NEMA17-AMT112S Datasheet HTML 6Page - CUI Devices NEMA17-AMT112S Datasheet HTML 7Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CUI DEVICES | SERIES: NEMA17-AMT112S | DESCRIPTION: STEPPER SERVO MOTOR
date 08/05/2022 | page 4 of 7
cuidevices.com
TORQUE CURVES
CUI Devices P/N NEMA17-13-04SD-AMT112S
Lin Engineering P/N WO-4118S-04S (1.8 Step Motor)
24 Vdc, 0.67 Amp/Phase, IB463, 1/2 Stepping
CUI Devices P/N NEMA17-13-04PD-AMT112S
Lin Engineering P/N WO-4118S-04P (1.8 Step Motor)
24 Vdc, 1.33 Amp/Phase, IB462, 1/2 Stepping
CUI Devices P/N NEMA17-16-06SD-AMT112S
Lin Engineering P/N WO-4118M-06S (1.8 Step Motor)
24 Vdc, 0.7 Amp/Phase, R208, 1/2 Stepping
CUI Devices P/N NEMA17-16-06PD-AMT112S
Lin Engineering P/N WO-4118M-06P (1.8 Step Motor)
24 Vdc, 1.4 Amp/Phase, IB462, 1/2 Stepping
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com