Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA01697D Datasheet(PDF) 52 Page - Endress+Hauser Group Services AG

Part # BA01697D
Description  Electromagnetic flowmeter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

BA01697D Datasheet(HTML) 52 Page - Endress+Hauser Group Services AG

Back Button BA01697D Datasheet HTML 48Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 49Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 50Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 51Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 52Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 53Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 54Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 55Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 56Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
Appendix
Picomag IO-Link
52
Endress+Hauser
14.3
IO-Link ISDU parameter list
The individual parts of a parameter description are described in the following section:
Designation
ISDU
(hex)
ISDU
(dec)
Size
(byte)
Data type Access
Value range
Factory setting
Range
limits
Identification
Device Tag
First 10 characters displayed
(starting from left)
0x0018
24
32 (max.) string
r/w
EH_DMA_XXZZ
Device Name
0x0012
18
16 (max.) string
r
Picomag
Device ID1
0x0009
9
1
uint
r
0x01
Device ID2
0x000A
10
1
uint
r
0x01
Device ID3
0x000B
11
1
uint
r
0x00
Vendor Name
0x0010
16
32 (max.) string
r
Endress+Hauser
Vendor ID1
0x0007
7
1
uint
r
0x00
Vendor ID2
0x0008
8
1
uint
r
0x11
Device Serial No.
e.g. (YMXXXXZZ)
0x0015
21
11 (max.) string
r
see nameplate
Firmware Version
e.g. 01.00.00
0x0017
23
8 (max.)
string
r
Order Code
e.g. DMA15-AAAAA1
0x0102
258
18 (max.) string
r
see nameplate
Device Type
0x0100
256
2
uint
r
0x94FF
Diagnostics
Actual Diagnostics
e.g. C485 (= SIMULATION ACT.)
0x0104
260
4
string
r
Last Diagnostics
e.g. S962 (= EMPTY PIPE)
0x0105
261
4
string
r
Simulation Proc. Var.
0x015F
351
2
uint
r/w
enable=1
disable=0
Sim.Proc.Var.Value Volumeflow
Unit selection list from Unit
Volumeflow
0x0166
358
4
float
r/w
0.0
-10⁶
10⁶
Sim.Proc.Var.Value
Temperature
Unit selection list from Unit
Temperature
0x0168
360
4
float
r/w
0.0
-10⁴
10⁴
Sim.Proc.Var.Value Conductivity
Unit selection list from Unit
Conductivity
0x0167
359
4
float
r/w
0.0
0
10⁶
Measured Values
Volumeflow
Current volume flow measured
value
0x0161
353
4
float
r
Temperature
Current temperature measured
value
0x0163
355
4
float
r
Conductivity
Current conductivity measured
value
0x0164
365
4
float
r
Totalizer
Current totalizer measured value
0x0169
361
4
float
r/w
0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com