Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA01697D Datasheet(PDF) 21 Page - Endress+Hauser Group Services AG

Part # BA01697D
Description  Electromagnetic flowmeter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

BA01697D Datasheet(HTML) 21 Page - Endress+Hauser Group Services AG

Back Button BA01697D Datasheet HTML 17Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 18Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 19Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 20Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 21Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 22Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 23Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 24Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 25Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Picomag IO-Link
System integration
Endress+Hauser
21
8
System integration
The measuring device has an IO-Link communication interface. The IO-Link interface
allows direct access to process and diagnostics data and enables the user to configure the
measuring device on the fly.
Properties:
• IO-Link Specification: Version 1.1
• IO-Link Smart Sensor Profile 2nd Edition
• SIO mode: yes
• Speed: COM2 (38.4 kBaud)
• Minimum cycle time: 10 ms
• Process data width: 120 bit
• IO-Link data storage: yes
• Block configuration: no
• Device operational: The measuring device is operational 4 seconds after the supply
voltage is applied
More information on IO-Link is available at www.io-link.com
Overview of the entire IO-Link ISDU parameter list →  52
8.1
Overview of device description files
Current version data for the device
Firmware version
01.01.zz
Information on the firmware version can be found:
• On the title page of the Operating instructions
• On the device label
• In the Firmware version parameter in the System menu
Release date of firmware
version
05.2019
---
Profile version
• 1.1
• Smart Sensor
Profile
---
8.2
Device master file
In order to integrate field devices into a digital communication system, the IO-Link system
needs a description of the device parameters, such as output data, input data, data format,
data volume and supported transfer rate.
These data are available in the device master file (IODD 1)), provided to the IO-Link master
when the communication system is commissioned.
The IODD can be downloaded as follows:
• Endress+Hauser: www.endress.com
• IODDfinder: http://ioddfinder.io-link.com
1)
IO Device Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com