Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMSD Datasheet(PDF) 1 Page - Samtec, Inc

Part # PMSD
Description  (4.19 mm) .165" PITCH • DISCRETE WIRE CABLE & COMPONENTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

PMSD Datasheet(HTML) 1 Page - Samtec, Inc

  PMSD Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES
- PINSPER
ROW
- WIRE
GAUGE
- K - ASSEMBLED
LENGTH
- END
OPTION
- LATCHOPTION
PMSD
= Double Row PVC Cable
PMSDT
= Double Row
Blue *Teflon® Cable
(24 AWG only)
PMSS
= Single Row PVC Cable
PMSST
= Single Row
Blue *Teflon® Cable
(24 AWG only)
–02, –03
–04, –05
–08, –10
–15*
(Standard sizes)
*Only available
for double row
–16
–18
–206
(20 AWG/
600 volts)
–22
–24
–K
= Keyed
Polarization
–"XX.XX"
= Wire length in
inches (88.90 mm)
03.50" min.
–S
= Single
End
–D
= Double
End (Latch
Required)
–LUS
= Plastic Latch up, straight
–LDS
= Plastic Latch down, straight
–LUX*
= Plastic Latch up, crossed
–LDX*
= Plastic Latch down, crossed
*(PMSD/PMSDT only)
(4.19 mm) .165" PITCH • DISCRETE WIRE CABLE & COMPONENTS
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
View complete specifications at:
samtec.com?PMSD, samtec.com?PMSDT, samtec.com?PMSS & samtec.com?PMSST
View complete specifications at:
samtec.com?IPBD, samtec.com?CC69L & samtec.com?CC69R
PMSD, PMSDT,
PMSS, PMSST
Board Mates:
IPBT
PMSD/IPBT
WIRE
GAUGE
CURRENT RATING
(PER PIN)
16 AWG
10.3 A
18 AWG
8.8 A
22 AWG
5.7 A
24 AWG
5.2 A
2 PIN POWERED
(19.23)
.757
(19.56)
.770
(7.95)
.313
(7.95)
.313
(12.14)
.478
IPBD
- POSITIONSPERROW - ROW
OPTION
- K
–02, –03, –04, –05,
–08, –10, –15
(Standard sizes)
–S
= Single Row
–D
= Double Row
–K
= Keyed
Polarization
SERIES
- WIRE
GAUGE
- 01 - T - SP
CC69L
= Contact, Loose
CC69R
= Contact, Full Reel
(4,000 Parts per
Reel)
–2024
= 20 to 24 AWG
–1620
= 16 to 20 AWG
–T
= Tin
TOOLING
Hand Tool: CAT-HT-169-1620-13 (16-20 AWG)
Hand Tool: CAT-HT-169-2024-13 (20-24 AWG)
Mini Applicator: CAT-MC-169-1620-XX-02 (16-20 AWG)
Mini Applicator: CAT-MC-169-2024 XX-01 (20-24 AWG)
Extraction Tool: CAT-EX-169-01
(12.14)
.478
No. of Positions
x (4.19) .165
+ (1.02) .040
No. of Positions
x (4.19) .165
+ (1.02) .040
(7.95)
.313
Assembled
Length
± (3.18) .125
PMSS/PMSST
PMSD/PMSDT
–D
–S
Note:
Some lengths, styles and
options are non-standard,
non-returnable.
Notes:
Teflon® cable is intended
for crimp only. Contact
Samtec for solderable cable
applications.
For wiring option information
refer to drawing on web.
*DuPont™ Teflon® is a
registered trademark of the
E.I. du Pont de Nemours
and Company or its affiliates.
F-221 (Rev 15NOV21)
samtec.com/powermate


Similar Part No. - PMSD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMS ETC-PMS Datasheet
556Kb / 1P
POWER METERING PRECISION SHUNT RESISTORS
logo
Schurter Inc.
PMS SCHURTER-PMS Datasheet
275Kb / 3P
Push button for PCB mounting
logo
M-System Co.,Ltd.
PMS MSYSTEM-PMS Datasheet
104Kb / 3P
Plug-in Signal Conditioners M-UNIT
logo
Schurter Inc.
PMS SCHURTER-PMS Datasheet
328Kb / 4P
Push button for PCB mounting
04.01.2022
logo
M-System Co.,Ltd.
PMS--B MSYSTEM-PMS--B Datasheet
104Kb / 3P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - PMSD

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3647B 3M-3647B Datasheet
45Kb / 2P
Round, Shielded/Jacketed, Discrete Wire Cable
29-Jul-1999
logo
Samtec, Inc
IPL1-102-02-S-D SAMTEC-IPL1-102-02-S-D Datasheet
404Kb / 1P
DISCRETE WIRE COMPONENTS & TOOLING
ISDF-10-D-M SAMTEC-ISDF-10-D-M Datasheet
658Kb / 1P
DISCRETE WIRE COMPONENTS TOOLING
ISD2-05-D-M SAMTEC-ISD2-05-D-M Datasheet
529Kb / 1P
DISCRETE WIRE COMPONENTS & TOOLING
T1M SAMTEC-T1M Datasheet
204Kb / 1P
(1.00 mm) .0394" PITCH • DISCRETE WIRE TERMINAL STRIP
S2SD SAMTEC-S2SD Datasheet
308Kb / 1P
(2.00 mm) .0787" PITCH • CABLE ASSEMBLY/COMPONENTS
SESDT SAMTEC-SESDT Datasheet
333Kb / 1P
(0.80 mm) .0315" PITCH • DISCRETE WIRE CABLE ASSEMBLY/COMPONENTS
SFSS SAMTEC-SFSS Datasheet
658Kb / 2P
(1.27 mm) .050" PITCH • DISCRETE WIRE ASSEMBLY/COMPONENTS
S1SS SAMTEC-S1SS Datasheet
307Kb / 1P
(1.00 mm) .0394" PITCH SINGLE ROW DISCRETE WIRE SOCKET
IPL1-102-01-L-S-RA-K-TR SAMTEC-IPL1-102-01-L-S-RA-K-TR Datasheet
191Kb / 1P
(2.54 mm) .100" PITCH • DISCRETE WIRE TERMINAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com