Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2004DIE1 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STE2004DIE1
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004DIE1 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STE2004DIE1 Datasheet HTML 28Page - STMicroelectronics STE2004DIE1 Datasheet HTML 29Page - STMicroelectronics STE2004DIE1 Datasheet HTML 30Page - STMicroelectronics STE2004DIE1 Datasheet HTML 31Page - STMicroelectronics STE2004DIE1 Datasheet HTML 32Page - STMicroelectronics STE2004DIE1 Datasheet HTML 33Page - STMicroelectronics STE2004DIE1 Datasheet HTML 34Page - STMicroelectronics STE2004DIE1 Datasheet HTML 35Page - STMicroelectronics STE2004DIE1 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
STE2004
32/66
Figure 40. 3-lines SPI Reading Sequence
4.2.3 3-lines 9 bits Serial Interface
The STE2004 3-lines serial Interface is a bidirectional link between the display driver and the application
supervisor.
It consists of three lines: one/two for data signals (SDIN, SDOUT), one for clock signals (SCLK) and one
for peripheral enable (CS).
The serial interface is active only if the CS line is set to a logic 0. When CS line is high the serial peripheral
power consumption is zero. While CS pin is high the serial interface is kept in reset.
The STE2004 is always a slave on the bus and receive the communication clock on the SCLK pin from
the master.
Information are exchanged word-wide. The word is composed by 9 bit. The first bit is named SD/C and
indicates whether the following byte is a command (SD/C =0) or Data Byte (SD/C =1). During data trans-
fer, the data line is sampled on the positive SCLK edge.
If CS stays low after the last bit of a command/data byte, the serial interface expects the SD/C Bit of the
next word at the next SCLK positive edge.
A reset pulse on RES pin interrupts the transmission. No data is written into the data RAM and all the in-
ternal registers are cleared.
If CS is low after the positive edge of RES, the serial interface is ready to receive data.
Throughout SDOUT can be read only the driver I2C slave address or the status byte. The Command sequence
that allows to read I2C slave address or Status byte is reported in Fig. 43 & 44. SDOUT is in High impedance
in steady state and during data write.
It is possible to short circuit SDOUT and SDIN and read I2C address or status byte without any additional line.
READING SEQUENCE
Set Co bit =1, D/C Bit =0 R/W Bit =1
Source 8 pulses on SCLK and
Read the ID-Number or the Status Byte On SDOUT
END OF READING SEQUENCE
SDOUT Buffer Configured in High Impedence
LR0079
SDOUT Buffer become active (Low Impedence)
1
note: 1) these data are not read by the display Diver
2) SDIN and SDOUT can be short circuited if the processor can configure
serial output buffers in high impedence during data read
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com